Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2003 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2003 Datasheet HTML 1Page - Micrel Semiconductor MIC2003 Datasheet HTML 2Page - Micrel Semiconductor MIC2003 Datasheet HTML 3Page - Micrel Semiconductor MIC2003 Datasheet HTML 4Page - Micrel Semiconductor MIC2003 Datasheet HTML 5Page - Micrel Semiconductor MIC2003 Datasheet HTML 6Page - Micrel Semiconductor MIC2003 Datasheet HTML 7Page - Micrel Semiconductor MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
4
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
VIN, VOUT............................................................–0.3 to 6V
All other pins.................................................. –0.3 to 5.5V
Power Dissipation.................................. Internally Limited
Continuous Output Current..................................... 2.25A
Maximum Junction Temperature........................... 150
°C
Storage Temperature .............................. –65
°C to 150°C
Operating Ratings(2)
Supply Voltage............................................. 2.5V to 5.5V
Continuous Output Current Range .................... 0 to 2.1A
Ambient Temperature Range ....................–40
°C to 85°C
Package Thermal Resistance (
θJA)
SOT-23-5 .............................................
230°C/W
MLF 2x2 mm
(5).........................................
90°C/W
Electrical Characteristics
VIN = 5V, TAMBIENT = 25°C unless specified otherwise. Bold indicates –40°C to +85°C limits.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Switch Input Voltage
2.5
5.5
V
IIN
Internal Supply Current
Switch = OFF,
ENABLE = 0V
1
5
µA
IIN
Internal Supply Current
Switch = ON, IOUT = 0
ENABLE = 1.5V
80
300
µA
ILEAK
Output Leakage Current
VIN = 5V, VOUT = 0 V, ENABLE
= 0
12
100
µA
70
100
mΩ
RDS(ON)
Power Switch Resistance
VIN = 5V, IOUT = 100 mA
125
mΩ
ILIMIT
Current Limit: –0.5
VOUT = 0.8VIN to VOUT = 1V
0.5
0.7
0.9
A
ILIMIT
Current Limit: –0.8
VOUT = 0.8VIN to VOUT = 1V
0.8
1.1
1.5
A
ILIMIT
Current Limit: –1.2
VOUT = 0.8VIN, to VOUT = 1V
1.2
1.6
2.1
A
ILIMIT_2nd
Secondary current limit
(Kickstart)
MIC2013, VIN = 2.7V
2.2
4
6
A
TJ increasing
145
OTTHRESHOLD
Over-temperature Threshold
TJ decreasing
135
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com