Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2003 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor MIC2003 Datasheet HTML 10Page - Micrel Semiconductor MIC2003 Datasheet HTML 11Page - Micrel Semiconductor MIC2003 Datasheet HTML 12Page - Micrel Semiconductor MIC2003 Datasheet HTML 13Page - Micrel Semiconductor MIC2003 Datasheet HTML 14Page - Micrel Semiconductor MIC2003 Datasheet HTML 15Page - Micrel Semiconductor MIC2003 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
14
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5 1.0 1.5
2.0 2.5 3.0
OUTPUT VOLTAGE (V)
Normalized Output Current
vs. Output Voltage (2.5V)
Figure 7.
Kickstart (MIC2013)
Kickstart allows brief current surges to pass to the load
before the onset of normal current limiting, which
permits dynamic loads to draw bursts of energy without
sacrificing system safety.
Functionally, Kickstart is a forced override of the normal
current limiting function provided by MIC2013. The
Kickstart period is governed by an internal timer which
allows current to pass unimpeded to the load for 128ms
and then normal (primary) current limiting goes into
action.
During Kickstart a secondary current limiting circuit is
monitoring output current to prevent damage to the
MIC2013, as a hard short combined with a robust power
supply can result in currents of many tens of amperes.
This secondary current limit is nominally set at 4 Amps
and reacts immediately and independently of the
Kickstart period. Once the Kickstart timer has finished its
count the primary current limiting circuit takes over and
holds IOUT to its programmed limit for as long as the
excessive load persists.
Once MIC2013 drops out of current limiting the Kickstart
timer initiates a lock-out period of 128ms such that no
further bursts of current above the primary current limit,
will be allowed until the lock-out period has expired.
Kickstart may be over-ridden by the thermal protection
circuit and if sufficient internal heating occurs, Kickstart
will be terminated and IOUT
0. Upon cooling, if the
load is still present IOUT
ILIMIT, not IKICKSTART.
VOUT
IOUT
0
Time (ms)
100
200
300
400
500
600
Kickstart
Current Limiting
Load Removed
Figure 9. Kickstart
Supply Filtering
A 0.1µF to 1µF bypass capacitor positioned close to the
VIN and GND pins of MIC2003/2013 is both good design
practice
and
required
for
proper
operation
of
MIC2003/2013. This will control supply transients and
ringing. Without a bypass capacitor, large current surges
or an output short may cause sufficient ringing on VIN
(from supply lead inductance) to cause erratic operation
of MIC2003/2013’s control circuitry. Good quality, low
ESR capacitors, such as Panasonic’s TE or ECJ series,
are suggested.
When bypassing with capacitors of 10µF and up, it is
good practice to place a smaller value capacitor in
parallel with the larger to handle the high frequency
components of any line transients. Values in the range
of 0.01µF to 0.1µF are recommended. Again, good
quality, low ESR capacitors should be chosen.
Power Dissipation
Power dissipation depends on several factors such as
the load, PCB layout, ambient temperature, and supply
voltage. Calculation of power dissipation can be
accomplished by the following equation:
(
)2
OUT
DS(ON)
D
I
R
P
×
=
To relate this to junction temperature, the following
equation can be used:
A
A)
-
(J
D
J
T
R
P
T
+
×
=
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com