Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2003 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2003 Datasheet HTML 1Page - Micrel Semiconductor MIC2003 Datasheet HTML 2Page - Micrel Semiconductor MIC2003 Datasheet HTML 3Page - Micrel Semiconductor MIC2003 Datasheet HTML 4Page - Micrel Semiconductor MIC2003 Datasheet HTML 5Page - Micrel Semiconductor MIC2003 Datasheet HTML 6Page - Micrel Semiconductor MIC2003 Datasheet HTML 7Page - Micrel Semiconductor MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MIC2003/2013
Current Limiting Circuit Protector
Kickstart is a trademark of Micrel, Inc
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
MIC2003 and MIC2013 are high-side current limiting
devices, designed for power distribution applications in
PCs, PDAs, printers and peripheral devices.
MIC2003 and MIC2013 are thermally protected and will
shutdown should their internal temperature reach unsafe
levels, protecting both the device and the load, under
high current or fault conditions. Both devices are fully
self-contained, with the current limit value being factory
set to one of several convenient levels.
MIC2013 offers a unique new feature: Kickstart
™,
which allows momentary high current surges to pass
unrestricted without sacrificing overall system safety.
MIC2003 and MIC2013 are excellent choices for USB
and IEEE 1394 (FireWire) applications or for any system
where current limiting and power control are desired.
The MIC2003 and MIC2013 are offered in space saving
6 pin SOT-23 and 2mm x 2mm MLF packages.
Data sheets and support documentation can be found
on Micrel’s web site at www.micrel.com.
Features
• 70mΩ typical on-resistance
• 2.5V - 5.5V operating range
• Pre-set current limit values of 0.5A, 0.8A and 1.2A
• Kickstart
™
• Thermal Protection
• Under voltage lock-out
• Low quiescent current
Applications
• USB / IEEE 1394 Power Distribution
• Desktop and Laptop PCs
• Set top boxes
• Game consoles
• PDAs
• Printers
• Docking stations
• Chargers
_________________________________________________________________________________________________________
Typical Application
Figure 1. Typical Application Circuit
October 2005
M9999-xxxx04
(408) 955-1690


Similar Part No. - MIC2003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
415Kb / 25P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
1Mb / 29P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2003-0.5YM5-TR MICROCHIP-MIC2003-0.5YM5-TR Datasheet
3Mb / 38P
Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2003-0.5YML MICREL-MIC2003-0.5YML Datasheet
415Kb / 25P
Fixed and Adjustable Current Limiting Power Distribution Switches
More results

Similar Description - MIC2003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
Current Limiting Diodes
logo
Texas Instruments
TPS24750 TI1-TPS24750 Datasheet
1Mb / 42P
12A eFuse Circuit Protector with Current Monitor
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
Current Limiting Diodes
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
Internal current limiting
27-May-2016
L6985F STMICROELECTRONICS-L6985F Datasheet
1Mb / 65P
Internal current limiting
17-Feb-2016
logo
PHOENIX CONTACT
2316446 PHOENIX-2316446 Datasheet
78Kb / 3P
Provides current limiting short-circuit protection per spur
logo
Shenzhenshi YONGFUKANG ...
D2761 YONGFUKANG-D2761 Datasheet
305Kb / 7P
Audio limiting circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com