Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2003 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor MIC2003 Datasheet HTML 10Page - Micrel Semiconductor MIC2003 Datasheet HTML 11Page - Micrel Semiconductor MIC2003 Datasheet HTML 12Page - Micrel Semiconductor MIC2003 Datasheet HTML 13Page - Micrel Semiconductor MIC2003 Datasheet HTML 14Page - Micrel Semiconductor MIC2003 Datasheet HTML 15Page - Micrel Semiconductor MIC2003 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
13
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
Application Information
ILIMIT vs. IOUT measured
MIC2003/2013’s’s current limiting circuitry is designed to
act as a constant current source to the load. As the load
tries to pull more than the allotted current, VOUT drops
and the input to output voltage differential increases.
When VIN -VOUT exceeds 1V, IOUT drops below ILIMIT to
reduce the drain of fault current on the system’s power
supply and to limit internal heating of MIC2003/2013.
When measuring IOUT it is important to bear this voltage
dependence in mind, otherwise the measurement data
may appear to indicate a problem when none really
exists. This voltage dependence is illustrated in Figures
4 and 5.
In Figure 4 output current is measured as VOUT is pulled
below VIN, with the test terminating when VOUT is 1V
below VIN. Observe that once ILIMIT is reached IOUT
remains constant throughout the remainder of the test.
In Figure 5 this test is repeated but with VIN - VOUT
exceeding 1V.
When VIN - VOUT > 1V, MIC2003/2013’s current limiting
circuitry responds by decreasing IOUT, as can be seen in
Figure 5. In this demonstration, VOUT is being controlled
and IOUT is the measured quantity. In real life
applications VOUT is determined in accordance with
Ohm’s law by the load and the limiting current.
Figure 4. IOUT in Current Limiting for VOUT ≤1V
Figure 5. IOUT in Current Limiting for VOUT >1V
This folding back of ILIMIT can be generalized by plotting
ILIMIT as a function of VOUT, as shown below. The slope
of VOUT between IOUT = 0 and IOUT = ILIMIT (where ILIMIT =
1) is determined by RON of MIC2003/2013 and ILIMIT.
0
0.2
0.4
0.6
0.8
1.0
1.2
01
2
3
4
5
6
OUTPUT VOLTAGE (V)
Normalized Output Current
vs. Output Voltage (5V)
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com