Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2003 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2003 Datasheet HTML 1Page - Micrel Semiconductor MIC2003 Datasheet HTML 2Page - Micrel Semiconductor MIC2003 Datasheet HTML 3Page - Micrel Semiconductor MIC2003 Datasheet HTML 4Page - Micrel Semiconductor MIC2003 Datasheet HTML 5Page - Micrel Semiconductor MIC2003 Datasheet HTML 6Page - Micrel Semiconductor MIC2003 Datasheet HTML 7Page - Micrel Semiconductor MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
5
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
AC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
tLIMIT
Delay before current limiting
Secondary current limit
(MIC2013)
77
128
192
ms
tRESET
Delay before resetting
Kickstart current limit delay,
tLIMIT
Out of current limit following a
current limit.
(MIC2013)
77
128
192
ms
ESD
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT and GND
± 4
kV
VESD_HB
Electro Static Discharge
Voltage: Human Body Model
All other pins
± 2
kV
VESD_MCHN
Electro Static Discharge
Voltage; Machine Model
All pins
Machine Model
± 200
V
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.
5. Requires proper thermal mounting to achieve this performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com