Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7680KN Datasheet (PDF) - Exar Corporation

MP7680KN Datasheet PDF - Exar Corporation
Part # MP7680KN
Download  MP7680KN Download
File Size   307.83 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter

MP7680KN Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7680KN Datasheet PDF - Exar Corporation

Part # MP7680KN
Download  MP7680KN Click to download

File Size   307.83 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter

MP7680KN Datasheet (HTML) - Exar Corporation


MP7680KN Product details

GENERAL DESCRIPTIONS
The MP7680 and the integrate four 12-bit four-quadrantmultiplying DACs with independent reference inputs and excellent matching characteristics. The MP7680 grades offer 1/2, 1 and 2 LSB of relative accuracy. The superior offers a low 2 LSB of gain error.

FEATURES
• Exar Pioneered Segmented DAC Approach
• Four Double-Buffered 12-bit DACs on a Single Chip
• Independent Reference Inputs
• Lowest Gain Error in a Multiple DAC Chip
• Guaranteed Monotonic
• TTL/5 V CMOS Compatible Inputs
• Industry Standard Digital Interface
• Four Quadrant Multiplication
• Latch-Up Free

BENEFITS
• Reduced Board Space; Lower System Cost.
• Independent Control of DACs
• Excellent DAC-to-DAC Matching and Tracking

APPLICATIONS
• Function Generators
• Automatic Test Equipment
• Precision Process Controls
• Recording Studio Control Boards




Similar Part No. - MP7680KN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682JN EXAR-MP7682JN Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682JS EXAR-MP7682JS Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682KN EXAR-MP7682KN Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682KS EXAR-MP7682KS Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
More results


Similar Description - MP7680KN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com