Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT68275 Datasheet (PDF) - List of Unclassifed Manufacturers

NT68275 Datasheet PDF - List of Unclassifed Manufacturers
Part # NT68275
Download  NT68275 Download
File Size   1389.35 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IIC Bus Controlled On-Screen Display

NT68275 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT68275 Datasheet PDF - List of Unclassifed Manufacturers

Part # NT68275
Download  NT68275 Click to download

File Size   1389.35 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IIC Bus Controlled On-Screen Display

NT68275 Datasheet (HTML) - List of Unclassifed Manufacturers


NT68275 Product details

[Novatek]

General Description
NT68275 is designed for displaying symbols and characters onto a CRT monitor. Its operation is controlled by a microcontroller with an IIC bus interface. By sending proper data and commands to NT68275, it can carry out the full screen display automatically with the time base generated by an on-chip PLL circuit. There are many functions provided by this chip to fully support user applications, such as: adjustment of the position of OSD windows, built-in 512* ROM & 16 multi-color fonts, variable character height with row-to-row spacing adjustment, 8 color selections & 7 background color controls for each character, double height/width controls for each row, 4 overlapping window available with color & size controls, size controls for each window shadowing, color selection for windows’ shadowing & character shadowing/ bordering, fade-in/out display effect, etc.
The “ * “ sign denotes that feature different from NT6827.

Features
■ IIC Bus Interface with Slave Address $7A (Transmitter) & $7B (Receiver)
■ Horizontal Frequency Range: 30KHz ~ 150KHz*
■ Flexible Display Resolution Up to 1524 Dots/Row
■ Internal PLL Generates a Stable and Wide-Ranged System Clock (120 MHz)*
■ OSD Screen Consist Character Array of 15 Rows by 30 Columns
■ Programmable Vertical and Horizontal Position for OSD Displaying Center
■ Total of 528* ROM Fonts including 512* Standard & 16 Multi-color ROM Fonts.
■ 12 X 18 Dot Matrix Per Character
■ 8-Color Selection for Each Character
■ 7-Color Selection for Each Character Background
■ Character/Symbol Blinking, Shadowing & Bordering Display Effect
■ Double Character Height and Width for Each Row
■ Programmable Height of Character/Symbol Display
■ Row To Row Spacing Control to Avoid Expansion Distortion
■ Four Programmable Windows with Overlapping Capability and Shadowing Effect
■ Color Setting for Windows’ Background and Character Shadowing & Bordering
■ Fade-In/Out Effect of OSD Screen Display
■ Hsync & Vsync Input Polarity Selectable




Similar Part No. - NT68275

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6828 ETC-NT6828 Datasheet
1Mb / 31P
I2C Bus Controlled On-Screen Display
NT6828K ETC-NT6828K Datasheet
1Mb / 31P
I2C Bus Controlled On-Screen Display
More results


Similar Description - NT68275

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
VIDEO ON-SCREEN DISPLAY
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
logo
List of Unclassifed Man...
NT6828 ETC-NT6828 Datasheet
1Mb / 31P
I2C Bus Controlled On-Screen Display
logo
fujitsu semiconductor
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
On-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
Monitor On-Screen Display
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
On-Screen Display Controller
July, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com