Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2011 Datasheet (PDF) - Exar Corporation

CLC2011 Datasheet PDF - Exar Corporation
Part # CLC2011
Download  CLC2011 Download
File Size   2334.29 Kbytes
Page   17 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power, Low Cost, Rail-to-Rail I/O Amplifiers

CLC2011 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC2011 Datasheet PDF - Exar Corporation

Part # CLC2011
Download  CLC2011 Click to download

File Size   2334.29 Kbytes
Page   17 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power, Low Cost, Rail-to-Rail I/O Amplifiers

CLC2011 Datasheet (HTML) - Exar Corporation


CLC2011 Product details

General Description
The COMLINEAR CLC2011 (dual) and CLC4011 (quad) are ultra-low cost, low power, voltage feedback amplifers. At 2.7V, the CLCx011 family uses only 136μA of supply current per amplifer and are designed to operate from a supply range of 2.5V to 5.5V (±1.25 to ±2.75). The input voltage range exceeds the negative and positive rails.
The CLCx011 family of amplifers offer high bipolar performance at a low CMOS prices. They offer superior dynamic performance with 4.9MHz small signal bandwidths and 5.3V/μs slew rates. The combination of low power, high bandwidth, and rail-to-rail performance make the CLCx011 amplifers well suited for battery-powered communication/computing systems.

FEATURES
■ 136μA supply current
■ 4.9MHz bandwidth
■ Output swings to within 20mV of either rail
■ Input voltage range exceeds the rail by >250mV
■ 5.3V/μs slew rate
■ 21nV/√Hz input voltage noise
■ 16mA output current
■ Fully specifed at 2.7V and 5V supplies

APPLICATIONS
■ Portable/battery-powered applications
■ PCMCIA, USB
■ Mobile communications, cell phones, pagers
■ ADC buffer
■ Active flters
■ Portable test instruments
■ Notebooks and PDA’s
■ Signal conditioning
■ Medical Equipment
■ Portable medical instrumentation




Similar Part No. - CLC2011

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2011 CADEKA-CLC2011 Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011IMP8X CADEKA-CLC2011IMP8X Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011IMP8X CADEKA-CLC2011IMP8X Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011ISO8X CADEKA-CLC2011ISO8X Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011ISO8X CADEKA-CLC2011ISO8X Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
More results


Similar Description - CLC2011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Fairchild Semiconductor
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com