Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1011 Datasheet (PDF) - Cadeka Microcircuits LLC.

CLC1011 Datasheet PDF - Cadeka Microcircuits LLC.
Part # CLC1011
Download  CLC1011 Download
File Size   2725.73 Kbytes
Page   16 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Low Power, Low Cost, Rail-to-Rail I/O Amplifiers

CLC1011 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC1011 Datasheet PDF - Cadeka Microcircuits LLC.

Part # CLC1011
Download  CLC1011 Click to download

File Size   2725.73 Kbytes
Page   16 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Low Power, Low Cost, Rail-to-Rail I/O Amplifiers

CLC1011 Datasheet (HTML) - Cadeka Microcircuits LLC.


CLC1011 Product details

General Description

The COMLINEAR CLC1011 (single), CLC2011 (dual), and CLC4011 (quad) are ultra-low cost, low power, voltage feedback amplifiers. At 5V, the CLCx011 family uses only 160μA of supply current per amplifier and are designed to operate from a supply range of 2.5V to 5.5V (±1.25 to ±2.75). The input voltage range exceeds the negative and positive rails.

The CLCx011 family of amplifiers offer high bipolar performance at a low CMOS prices. They offer superior dynamic performance with 4.9MHz small signal bandwidths and 5.3V/μs slew rates. The combination of low power, high bandwidth, and rail-to-rail performance make the CLCx011 amplifiers well suited for battery-powered communication/computing systems



FEATURES

■ 136μA supply current

■ 4.9MHz bandwidth

■ Output swings to within 20mV of either rail

■ Input voltage range exceeds the rail by >250mV

■ 5.3V/μs slew rate

■ 21nV/√Hz input voltage noise

■ 16mA output current

■ Fully specified at 2.7V and 5V supplies

■ CLC1011: Pb-free SOT23-5, SC70-5, SOIC-8

■ CLC2011: Pb-free SOIC-8, MSOP-8

■ CLC4011: Pb-free SOIC-14. TSSOP-14



APPLICATIONS

■ Portable/battery-powered applications

■ PCMCIA, USB

■ Mobile communications, cell phones, pagers

■ ADC buffer

■ Active filters

■ Portable test instruments

■ Notebooks and PDA’s

■ Signal conditioning

■ Medical Equipment

■ Portable medical instrumentation



 




Similar Part No. - CLC1011

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1011ISC5X CADEKA-CLC1011ISC5X Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011IST5X CADEKA-CLC1011IST5X Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
More results


Similar Description - CLC1011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Fairchild Semiconductor
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Cadeka Microcircuits LL...
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com