Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1011 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CLC1011
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1011 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CLC1011 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1011 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1011 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1011 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1011 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1011 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1011 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1011 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1011 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Advance Data Sheet
©2009 CADEKA Microcircuits LLC
www.cadeka.com
3
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper de-
vice function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
Supply Voltage
0
6
V
Input Voltage Range
-Vs -0.5V
+Vs +0.5V
V
Continuous Output Current
-30
30
mA
Reliability Information
Parameter
Min
Typ
Max
Unit
Junction Temperature
175
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
260
°C
Package Thermal Resistance
5-Lead SC70
TBD
°C/W
5-Lead SOT23
TBD
°C/W
8-Lead SOIC
TBD
°C/W
8-Lead MSOP
TBD
°C/W
14-Lead SOIC
TBD
°C/W
14-Lead TSSOP
TBD
°C/W
Notes:
Package thermal resistance (qJA), JDEC standard, multi-layer test boards, still air.
ESD Protection
Product
SC70-5
SOT23-5
SOIC-8
MSOP-8
SOIC-14
TSSOP-14
Human Body Model (HBM)
TBD
TBD
TBD
TBD
TBD
TBD
Charged Device Model (CDM)
TBD
TBD
TBD
TBD
TBD
TBD
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range
-40
+85
°C
Supply Voltage Range
2.5
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com