Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR1009 Datasheet (PDF) - Exar Corporation

XR1009 Datasheet PDF - Exar Corporation
Part # XR1009
Download  XR1009 Download
File Size   637.39 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 0.2mA, 35MHz Rail-to-Rail Amplifiers

XR1009 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR1009 Datasheet PDF - Exar Corporation

Part # XR1009
Download  XR1009 Click to download

File Size   637.39 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 0.2mA, 35MHz Rail-to-Rail Amplifiers

XR1009 Datasheet (HTML) - Exar Corporation




Similar Part No. - XR1009

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
17.0-27.0 GHz GaAs MMIC Receiver
XR1001 MIMIX-XR1001 Datasheet
1Mb / 8P
33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD MIMIX-XR1001-BD Datasheet
288Kb / 8P
33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD-000V MIMIX-XR1001-BD-000V Datasheet
288Kb / 8P
33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD-000W MIMIX-XR1001-BD-000W Datasheet
288Kb / 8P
33.0-40.0 GHz GaAs MMIC Receiver
More results


Similar Description - XR1009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
500MHz Rail-to-Rail Amplifiers
March 29, 2007
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
500MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
200MHz Rail-to-Rail Amplifiers
August 29, 2007
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
Rail-to-Rail Output Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Exar Corporation
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com