Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR81102 Datasheet (PDF) - Exar Corporation

XR81102 Datasheet PDF - Exar Corporation
Part # XR81102
Download  XR81102 Download
File Size   176.97 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Universal Clock - High Frequency LVPECL Clock Synthesizer

XR81102 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR81102 Datasheet PDF - Exar Corporation

Part # XR81102
Download  XR81102 Click to download

File Size   176.97 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Universal Clock - High Frequency LVPECL Clock Synthesizer

XR81102 Datasheet (HTML) - Exar Corporation


XR81102 Product details

General Description
The XR81101-CA02 is a clock synthesizer operating at a 3.3V/2.5V supply with Integer divider, using a 25MHz parallel resonant crystal reference input provides a 125MHz LVPECL outputs. The device is optimized for use with a 25MHz crystal (or system clock) and generates a 125MHz output clock for GE applications. The LVPECL outputs have very low phase noise jitter of sub 150fs, while consuming extremely low power.

FEATURES
• XR81102-CA02: Factory configured
• One differential LVPECL output pair
• Crystal oscillator interface which can also be overdriven using a single-ended reference clock
• Output frequency: 125MHz
• Crystal/input frequency: 25MHz, parallel resonant crystal
• RMS phase jitter @ 125MHz, 1.875MHz - 20MHz: < 150fs
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) package

APPLICATIONS
• Gigabit Ethernet
• Low-jitter Clock Generation
• Synchronized clock systems




Similar Part No. - XR81102

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101-AA02-F EXAR-XR81101-AA02-F Datasheet
208Kb / 8P
Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101-AA02TR-F EXAR-XR81101-AA02TR-F Datasheet
208Kb / 8P
Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101EVB EXAR-XR81101EVB Datasheet
208Kb / 8P
Universal Clock - High Frequency LVCMOS Clock Synthesizer
More results


Similar Description - XR81102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81411 EXAR-XR81411 Datasheet
427Kb / 15P
Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
logo
Integrated Device Techn...
849S625 IDT-849S625 Datasheet
390Kb / 24P
Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
843S304I-100 RENESAS-843S304I-100 Datasheet
666Kb / 25P
Crystal-to-LVPECL 100MHz Clock Synthesizer
January 6, 2016
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com