Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP9710 Datasheet (PDF) - Exar Corporation

XRP9710 Datasheet PDF - Exar Corporation
Part # XRP9710
Download  XRP9710 Download
File Size   2541.06 Kbytes
Page   36 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Dual 6A Programmable Power Module

XRP9710 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRP9710 Datasheet PDF - Exar Corporation

Part # XRP9710
Download  XRP9710 Click to download

File Size   2541.06 Kbytes
Page   36 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Dual 6A Programmable Power Module

XRP9710 Datasheet (HTML) - Exar Corporation




Similar Part No. - XRP9710

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP9710EY EXAR-XRP9710EY Datasheet
178Kb / 2P
Flammability rating of UL 94?륷0
More results


Similar Description - XRP9710

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89166 INTERSIL-ISL89166 Datasheet
420Kb / 13P
High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
January 14, 2011
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
logo
Intersil Corporation
ISL8203M INTERSIL-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
logo
Renesas Technology Corp
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
ISL89166 RENESAS-ISL89166 Datasheet
685Kb / 14P
High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
logo
PHOENIX CONTACT
2316383 PHOENIX-2316383 Datasheet
61Kb / 2P
Power module - FB-HSP-PLUG/24DC/6A
logo
Maxim Integrated Produc...
MAXM17516EVKIT MAXIM-MAXM17516EVKIT Datasheet
337Kb / 8P
MAXM17516, 6A Integrated Power Module
Rev 0; 4/15
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116_V01 Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com