Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR16C2852CJ Datasheet (PDF) - Exar Corporation

XR16C2852CJ Datasheet PDF - Exar Corporation
Part # XR16C2852CJ
Download  XR16C2852CJ Download
File Size   574.17 Kbytes
Page   42 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3.3V AND 5V DUART WITH 128-BYTE FIFO

XR16C2852CJ Datasheet (PDF)

Go To PDF Page Download Datasheet
XR16C2852CJ Datasheet PDF - Exar Corporation

Part # XR16C2852CJ
Download  XR16C2852CJ Click to download

File Size   574.17 Kbytes
Page   42 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3.3V AND 5V DUART WITH 128-BYTE FIFO

XR16C2852CJ Datasheet (HTML) - Exar Corporation


XR16C2852CJ Product details

GENERAL DESCRIPTION
The XR16C28521 (2852) is a dual universal asynchronous receiver and transmitter (UART). The device operates at 2.97V to 5.5V and is pin-to-pin compatible to Exar’s ST16C2552 and XR16L2752. The 2852 register set is compatible to the ST16C2552 and the XR16L2752 enhanced features.

FEATURES
Added feature in devices with a top mark date code of "F2 YYWW" and newer:
    ■ 5V tolerant inputs
    ■ 0 ns address hold time (TAH)
• Pin-to-pin compatible to Exar’s ST16C2552 and XR16L2752
• Improved version of PC16C552
• Two independent UART channels
    ■ Register set compatible to 16C550
    ■ Up to 3 Mbps at 5V, and 2 Mbps at 3.3V
    ■ Transmit and Receive FIFOs of 128 bytes
    ■ Programmable TX and RX FIFO Trigger Levels
    ■ Transmit and Receive FIFO Level Counters
    ■ Automatic Hardware (RTS/CTS) Flow Control
    ■ Selectable Auto RTS Flow Control Hysteresis
    ■ Automatic Software (Xon/Xoff) Flow Control
    ■ Automatic RS-485 Half-duplex Direction Control Output
    ■ Wireless Infrared (IrDA 1.0) Encoder/Decoder
    ■ Automatic sleep mode
• Alternate Function Register
• Device Identification and Revision
• Crystal oscillator or external clock input
• 2.97 to 5.5 volt operation
• Industrial and commercial temperature ranges

APPLICATIONS
• Portable Appliances
• Telecommunication Network Routers
• Ethernet Network Routers
• Cellular Data Devices
• Factory Automation and Process Controls




Similar Part No. - XR16C2852CJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852CJ EXAR-XR16C2852CJ Datasheet
853Kb / 51P
2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
More results


Similar Description - XR16C2852CJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850 EXAR-XR16C2850 Datasheet
611Kb / 43P
3.3V AND 5V DUART WITH 128-BYTE FIFO
XR16V2652 EXAR-XR16V2652 Datasheet
932Kb / 48P
HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com