Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL7101N Datasheet (PDF) - Integral Corp.

IL7101N Datasheet PDF - Integral Corp.
Part # IL7101N
Download  IL7101N Download
File Size   139.96 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description EARTH LEAKAGE CURRENT DETECTOR

IL7101N Datasheet (PDF)

Go To PDF Page Download Datasheet
IL7101N Datasheet PDF - Integral Corp.

Part # IL7101N
Download  IL7101N Click to download

File Size   139.96 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description EARTH LEAKAGE CURRENT DETECTOR

IL7101N Datasheet (HTML) - Integral Corp.


IL7101N Product details

Description

The IL7101N/D is designed for use in earth leakage circuit interrupters for operation directly off the AC Line in breakers.

It contains pre regulator, main regulator, after regulator, differential amplifier, level comparator, latch circuit. The input in the differential amp latch circuit. The input in the differential amplifier is connect to the secondary node of zero current transformer.

The level comparator generates high level when earth leakage current is greater than some level.



Feature

• Low Power Consumption (PD=5mW) 100V/200V

• 100V/200V Common Built-in Voltage Regulator

• High Gain Differential Amplifier

• High Input Sensitivity

• Minimum External Parts

• Large Surge Margin

• Wide Operating Temperature Range (TА= -40 to 85°C)

• High Noise Immunity

• Meet U. L. 943 standards



 




Similar Part No. - IL7101N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL7101N INTEGRAL-IL7101N Datasheet
348Kb / 9P
GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
IK Semicon Co., Ltd
IL7101N IKSEMICON-IL7101N Datasheet
348Kb / 9P
GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
IL7101N IKSEMICON-IL7101N_16 Datasheet
901Kb / 8P
Ground Fault Interrupter Earth Leakage Current Detector
More results


Similar Description - IL7101N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com