Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV6810 Datasheet (PDF) - Microchip Technology

HV6810 Datasheet PDF - Microchip Technology
Part # HV6810
Download  HV6810 Download
File Size   485.71 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10-Channel Serial-Input Latched Display Driver

HV6810 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV6810 Datasheet PDF - Microchip Technology

Part # HV6810
Download  HV6810 Click to download

File Size   485.71 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10-Channel Serial-Input Latched Display Driver

HV6810 Datasheet (HTML) - Microchip Technology


HV6810 Product details

General Description
The HV6810 is a monolithic integrated circuit designed to drive a dot matrix or segmented VFD. These devices feature a serial data output to cascade additional devices for large displays.

Features
• High Output Voltage 80V
• High-speed 5 MHz at 5 VDD
• Low-power IBB ≤ 0.1 mA (All High)
• Active Pull-down 100 µA Minimum at 25°C
• Output Source Current 25 mA at 60V VBB
• 10-channel Display Driver
• High-speed Serially-shifted Data Input
• 5V CMOS-compatible Inputs
• Latches on all Driver Outputs
• Pin-compatible Replacement for UCN5810A, TL4810A and TL4810B

Applications
• High-speed Dot Matrix Print Head Driver
• Vacuum Fluorescent Display (VFD) Driver




Similar Part No. - HV6810

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV6810 SUTEX-HV6810 Datasheet
33Kb / 5P
10-Channel Serial-Input Latched Display Driver
HV6810 SUTEX-HV6810 Datasheet
790Kb / 8P
10-Channel Serial-Input Latched Display Driver
HV6810P SUTEX-HV6810P Datasheet
33Kb / 5P
10-Channel Serial-Input Latched Display Driver
HV6810PJ SUTEX-HV6810PJ Datasheet
33Kb / 5P
10-Channel Serial-Input Latched Display Driver
HV6810PJ-G SUTEX-HV6810PJ-G Datasheet
790Kb / 8P
10-Channel Serial-Input Latched Display Driver
More results


Similar Description - HV6810

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV6810 SUTEX-HV6810 Datasheet
33Kb / 5P
10-Channel Serial-Input Latched Display Driver
logo
Micrel Semiconductor
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
8-Bit Serial-Input Protected Latched Driver
logo
Allegro MicroSystems
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
logo
Supertex, Inc
HV6810 SUTEX-HV6810_07 Datasheet
790Kb / 8P
10-Channel Serial-Input Latched Display Driver
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
logo
Allegro MicroSystems
A6810SLW-T ALLEGRO-A6810SLW-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
A6810SLWTR-T ALLEGRO-A6810SLWTR-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
A6810ELW-T ALLEGRO-A6810ELW-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
logo
Supertex, Inc
HV6810 SUTEX-HV6810_13 Datasheet
902Kb / 9P
10-Channel, Serial-Input Latched Display Driver
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com