Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC59P60 Datasheet (PDF) - Micrel Semiconductor

MIC59P60 Datasheet PDF - Micrel Semiconductor
Part # MIC59P60
Download  MIC59P60 Download
File Size   102.07 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Serial-Input Protected Latched Driver

MIC59P60 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC59P60 Datasheet PDF - Micrel Semiconductor

Part # MIC59P60
Download  MIC59P60 Click to download

File Size   102.07 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Serial-Input Protected Latched Driver

MIC59P60 Datasheet (HTML) - Micrel Semiconductor


MIC59P60 Product details

General Description

The MIC59P60 serial-input latched driver is a high-voltage (80V), high-current (500mA) integrated circuit comprised of eight CMOS data latches, a bipolar Darlington transistor driver for each latch, and CMOS control circuitry for the common CLEAR, STROBE, CLOCK, SERIAL DATA INPUT, and OUTPUT ENABLE functions. Similar to the MIC5842, additional protection circuitry supplied on this device includes thermal shutdown, under voltage lockout (UVLO), and over current shutdown.

The bipolar/CMOS combination provides an extremely low power latch with maximum interface flexibility. The MIC59P60 has open-collector outputs capable of sinking 500mA and integral diodes for inductive load transient suppression with a minimum output breakdown voltage rating of 80V (50V sustaining). The drivers can be operated with a split supply, where the negative supply is down to –20V and may be paralleled for higher load current capability.

Using a 5V logic supply, the MIC59P60 will typically operate at better than 5MHz. With a 12V logic supply, significantly higher speeds are obtained. The CMOS inputs are compatible with standard CMOS, PMOS, and NMOS circuits. TTL circuits may require pull-up resistors. By using the serial data output, drivers may be cascaded for interface applications requiring additional drive lines.

Each of these eight outputs has an independent over current shutdown of 500 mA. Upon over-current shutdown, the affected channel will turn OFF and the flag will go low until VDD is cycled or the ENABLE/RESET pin is pulsed high. Current pulses less than 2µs will not activate current shutdown. Temperatures above 165°C will shut down the device and activate the error flag. The UVLO circuit prevents operation at low VDD; hysteresis of 0.5V is provided.



Features

• 3.3 MHz Minimum Data-Input Rate

• Output Current Shutdown (500mA Typical)

• Under Voltage Lockout

• Thermal Shutdown

• Output Fault Flag

• CMOS, PMOS, NMOS, and TTL Compatible

• Internal Pull-Up/Pull-Down Resistors

• Low Power CMOS Logic and Latches

• High Voltage Current Sink Outputs

• Output Transient-Protection Diodes

• Single or Split Supply Operation



 




Similar Part No. - MIC59P60

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC59P60 MICREL-MIC59P60 Datasheet
108Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC59P60BN MICREL-MIC59P60BN Datasheet
108Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC59P60BV MICREL-MIC59P60BV Datasheet
108Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC59P60BWM MICREL-MIC59P60BWM Datasheet
108Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC59P60YN MICREL-MIC59P60YN Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
More results


Similar Description - MIC59P60

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_11 Datasheet
108Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC59P50YWM MICREL-MIC59P50YWM Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_15 Datasheet
692Kb / 13P
8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com