Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC58P01 Datasheet (PDF) - Micrel Semiconductor

MIC58P01 Datasheet PDF - Micrel Semiconductor
Part # MIC58P01
Download  MIC58P01 Download
File Size   101.61 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Parallel-Input Protected Latched Driver

MIC58P01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC58P01 Datasheet PDF - Micrel Semiconductor

Part # MIC58P01
Download  MIC58P01 Click to download

File Size   101.61 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Parallel-Input Protected Latched Driver

MIC58P01 Datasheet (HTML) - Micrel Semiconductor


MIC58P01 Product details

General Description
The MIC58P01 parallel-input latched driver is a high-voltage (80V), high-current (500mA) integrated circuit comprised of eight CMOS data latches, a bipolar Darlington transistor driver for each latch, and CMOS control circuitry for the common CLEAR, STROBE, and OUTPUT ENABLE functions. Similar to the MIC5801, additional protection circuitry supplied on this device includes thermal shutdown, under voltage lockout (UVLO), and overcurrent shutdown.

Features
• 4.4MHz Minimum Data Input Rate
• High-Voltage, High-Current Outputs
• Per-Output Overcurrent Shutdown (500mA typical)
• Under Voltage Lockout
• Thermal Shutdown
• Output Transient Protection Diodes
• CMOS, PMOS, NMOS, and TTL Compatible Inputs
• Internal Pull-Down Resistors
• Low-Power CMOS Latches




Similar Part No. - MIC58P01

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01BN MICREL-MIC58P01BN Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01BV MICREL-MIC58P01BV Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01BWM MICREL-MIC58P01BWM Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01YV MICREL-MIC58P01YV Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
More results


Similar Description - MIC58P01

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50 Datasheet
95Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P50YWM MICREL-MIC59P50YWM Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com