Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC58P01 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC58P01
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P01 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC58P01 Datasheet HTML 1Page - Micrel Semiconductor MIC58P01 Datasheet HTML 2Page - Micrel Semiconductor MIC58P01 Datasheet HTML 3Page - Micrel Semiconductor MIC58P01 Datasheet HTML 4Page - Micrel Semiconductor MIC58P01 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
October 1998
7-21
MIC58P01
Micrel
7
Typical Application
1
2
3
4
5
6
7
22
21
20
19
18
17
16
8
9
10
11
15
14
13
12
K1
K3
K2
K8
K7
K6
K5
K4
INPUT 1
INPUT 8
INPUT 7
INPUT 6
INPUT 5
INPUT 4
INPUT 3
INPUT 2
+12V
+5V
STROBE
Relays: Guardian Electric 1725-1C-12D
0.1
µµµµ
22
µµµµ
+
MIC58P01 Protected Relay Driver



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com