Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC58P01 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC58P01
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P01 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC58P01 Datasheet HTML 1Page - Micrel Semiconductor MIC58P01 Datasheet HTML 2Page - Micrel Semiconductor MIC58P01 Datasheet HTML 3Page - Micrel Semiconductor MIC58P01 Datasheet HTML 4Page - Micrel Semiconductor MIC58P01 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7-18
October 1998
MIC58P01
Micrel
Absolute Maximum Ratings: (Note 1)
at +25
°C Free-Air Temperature
Output Voltage, VCE
80V
Supply Voltage, VDD
15V
Input Voltage Range, VIN
–0.3V to VDD + 0.3V
Package Power Dissipation:
MIC58P01BN
2.25W
Derate above TA = +25°C
22.5mW/
°C
MIC58P01BV
1.6W
Derate above TA = +25°C
16mW/
°C
MIC58P01BWM
1.4W
Derate above TA = +25°C
14mW/
°C
Operating Temperature Range, TA
–55
°C to +85°C
Storage Temperature Range, TS
–65
°C to +125°C
Note 1: Micrel CMOS devices have input-static protection but are
susceptible to damage when exposed to extremely high static
electrical charges.
Pin (DIP)
Name
Description
1
CLEAR
Resets all Latches and turns all outputs OFF (open).
2
STROBE
Input Strobe Pin. Loads output latches when High.
3–10
INPUT
Parallel Inputs, 1 through 8
11
GROUND
Logic and Output Ground pin.
12
COMMON
Transient suppression diode common cathode pin.
13–20
OUTPUT
Parallel Outputs, 8 through 1.
21
V
DD
Logic Supply voltage.
22
OUTPUT
When Low, Outputs are active. When High, outputs are inactive and device is reset
ENABLE/RESET
from a fault condition. An undervoltage condition emulates a high OE input.
Pin Description
0
102030405060708090100
450
400
350
300
250
200
150
100
PERCENT DUTY CYCLE
3
1 or 2
4
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
5
6
7
8
Typical Input
MIC58P01BN
Allowable Output Current As A Function
of Duty Cycle
IN
DD
V
Pin Configuration, Continued
MIC58P01BV, 28–Pin PLCC
MIC58P01BWM, 24–Pin SOIC
(not pin compatible with MIC5801BWM)
9
10
11
12
8
16
15
14
13
17
OUT5
OUT6
OUT7
OUT8
COMMON
GROUND
IN8
IN7
IN6
IN5
2
3
4
5
6
7
1
23
22
21
20
19
18
24
NC
OUTPUT
ENABLE/RESET
VDD
OUT1
OUT2
OUT3
OUT4
IN4
IN3
IN2
IN1
STROBE
CLEAR
GROUND
MIC58P01BWM
1
2
3
4
12
13
14
28
27
26
25
19
20
21
22
23
24
18
17
16
15
5
6
7
8
9
10
11
OUT 1
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
IN 7
IN 6
IN 5
IN 4
IN 3
IN 2
IN 1
MIC58P01BV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com