Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC58P01 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC58P01
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P01 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC58P01 Datasheet HTML 1Page - Micrel Semiconductor MIC58P01 Datasheet HTML 2Page - Micrel Semiconductor MIC58P01 Datasheet HTML 3Page - Micrel Semiconductor MIC58P01 Datasheet HTML 4Page - Micrel Semiconductor MIC58P01 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
October 1998
7-19
MIC58P01
Micrel
7
Electrical Characteristics: at TA = +25°C, VDD = 5V (unless otherwise noted)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VCE = 80V, TA = +25°C50
µA
VCE = 80V, TA = +70°C
100
Collector-Emitter
VCE(SAT)
IC = 100mA
0.9
1.1
V
Saturation Voltage
IC = 200mA
1.1
1.3
IC = 350mA
1.3
1.6
Input Voltage
VIN(0)
1.0
V
VIN(1)
VDD = 12V
10.5
VDD = 10V
8.5
VDD = 5.0V (See Note)
3.5
Input Resistance
RIN
VDD = 12V
50
200
k
Ω
VDD = 10V
50
300
VDD = 5.0V
50
600
Supply Current
IDD(ON)
VDD = 12V, Outputs Open
3.3
4.5
mA
(One output
VDD = 10V, Outputs Open
3.1
4.5
active)
VDD = 5.0V, Outputs Open
2.4
3.6
IDD(ON)
VDD = 12V, Outputs Open
6.4
10.0
mA
(All outputs
VDD = 10V, Outputs Open
6.0
9.0
active)
VDD = 5.0V, Outputs Open
4.7
7.5
IDD(OFF)
VDD = 12V, Outputs Open, Inputs = 0V
3.0
4.5
mA
(Total)
VDD = 5.0V, Outputs Open, Inputs = 0V
2.2
3.6
Clamp Diode
IR
VR = 80V, TA = +25°C50
µA
Leakage Current
VR = 80V, TA = +70°C
100
Overcurrent Threshold
ILIM
Per Output
500
mA
Start-Up Voltage
VSU
Note 2.
3.5
4.0
4.5
V
Minimum Operating VDD
VDD MIN
3.0
3.5
4.0
V
Clamp Diode Forward Voltage
VF
IF = 350mA
1.7
2.0
V
Thermal Shutdown
165
°C
Thermal Shutdown Hystersis
10
°C
NOTE 1:
Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors to insure a minimum logic “1”.
NOTE 2:
Under-Voltage Lockout is guaranteed to release device at no more than 4.5V, and disable the device at no less than 3.0V.
Truth Table
Output
OUTN
INN
Strobe
Clear
Enable
t–1
t
0
1
0
0
X
OFF
11
0
0
X
ON
X
X
1
X
X
OFF
X
X
X
1
X
OFF
X
0
0
0
ON
ON
X
0
0
0
OFF
OFF
X = Irrelevant
t–1 = previous output state
t = present output state
Information present at an input is transferred to its latch when
the STROBE is high. A high CLEAR input will set all latches
to the output OFF condition regardless of the Data or STROBE
input levels. A high OUTPUT ENABLE will set all outputs to
the OFF condition, regardless of any other input conditions.
When the OUTPUT ENABLE is low, the outputs depend on
the state of their respective latches. If current shutdown is
activated, the OUTPUT ENABLE must be pulsed high to
restore operation. Over temperature faults are not latched
and require no reset pulse.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com