Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC58P42 Datasheet (PDF) - Micrel Semiconductor

MIC58P42 Datasheet PDF - Micrel Semiconductor
Part # MIC58P42
Download  MIC58P42 Download
File Size   87.67 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Serial-Input Protected Latched Driver

MIC58P42 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC58P42 Datasheet PDF - Micrel Semiconductor

Part # MIC58P42
Download  MIC58P42 Click to download

File Size   87.67 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Serial-Input Protected Latched Driver

MIC58P42 Datasheet (HTML) - Micrel Semiconductor


MIC58P42 Product details

General Description
The MIC58P42 serial-input latched driver is a high-voltage (80V), high-current (500mA) integrated circuit comprised of eight CMOS data latches, a bipolar Darlington transistor driver for each latch, and CMOS control circuitry for the common STROBE, CLOCK, SERIAL DATA INPUT, and OUTPUT ENABLE functions. Similar to the MIC5842, additional protection circuitry supplied on this device includes thermal shutdown, under voltage lockout (UVLO), and overcurrent shutdown.

Features
• 3.3 MHz Minimum Data-Input Rate
• CMOS, PMOS, NMOS, and TTL Compatible
• Internal Pull-Up/Pull-Down Resistors
• Low Power CMOS Logic and Latches
• High Voltage (80V) Current-Sink Outputs
• Output Transient-Protection Diodes
• Single or Split Supply Operation
• Thermal Shutdown
• Under-Voltage Lockout
• Per-Output Over-Current Shutdown (500mA typical)




Similar Part No. - MIC58P42

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC58P42BN MICREL-MIC58P42BN Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC58P42BV MICREL-MIC58P42BV Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC58P42BWM MICREL-MIC58P42BWM Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC58P42YN MICREL-MIC58P42YN Datasheet
692Kb / 13P
8-Bit Serial-Input Protected Latched Driver
More results


Similar Description - MIC58P42

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_11 Datasheet
108Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC59P50YWM MICREL-MIC59P50YWM Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_15 Datasheet
692Kb / 13P
8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com