Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC58P42 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC58P42
Description  8-Bit Serial-Input Protected Latched Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P42 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC58P42 Datasheet HTML 1Page - Micrel Semiconductor MIC58P42 Datasheet HTML 2Page - Micrel Semiconductor MIC58P42 Datasheet HTML 3Page - Micrel Semiconductor MIC58P42 Datasheet HTML 4Page - Micrel Semiconductor MIC58P42 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7-50
October 1998
MIC58P42
Micrel
Absolute Maximum Ratings (Note 1, 2)
at 25
°C Free-Air Temperature and VSS = 0V
Output Voltage
80V
Output Voltage, VCE(SUS) (Note 1)
50V
Logic Supply Voltage Range, VDD
4.5V to 15V
VDD with Reference to VEE
25V
Emitter Supply Voltage (Substrate), VEE
–20V
Input Voltage Range, VIN
–0.3V to VDD + 0.3V
Package Power Dissipation, PD
MIC58P42BN
1.82W
Derate above T
A
= +25
°C
18mW/
°C
MIC58P42BV
1.4W
Derate above T
A
= +25
°C
14mW/
°C
MIC58P42BWM
1.2W
Derate above T
A
= +25
°C
12mW/
°C
Operating Temperature Range, TA
–55
°C to +125°C
Storage Temperature Range, TS
–65
°C to +150°C
Note 1: For Inductive load applications.
Note 2: CMOS devices have input-static protection but are susceptible to
damage when exposed to extremely high static electrical
charges.
STROBE
OUTPUT
ENABLE
DD
V
SS
V
CLOCK
SERIAL
DATA IN
DD
V
SS
V
Typical Input Circuits
PLCC Pin Configuration
1
2
3
4
12
13
11
20
19
18
14
15
16
17
9
10
5
6
7
8
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
SERIAL DATA OUT
VSS
NC
VDD
NC
MIC58P42BV
SUB
N
OUT
K
EE
V
3K
Typical Output Driver
Pin
Name
Description
(DIP & S.O.)
1,9
V
EE
Substrate. Most Negative voltage in the system connects here.
2
CLOCK
Serial Data Clock. A CLEAR input must also be clocked into the latches.
3
SERIAL DATA IN
Serial Data Input pin.
4V
SS
Logic reference (Ground) pin.
5V
DD
Logic Positive Supply voltage.
6
SERIAL DATA OUT
Serial Data Output pin. (Flow–through).
7
STROBE
Output Strobe pin. Loads output latches when high. Strobe is needed to clear latch.
8
OUTPUT
When Low, Outputs are active. When High, device is reset from a fault condition.
ENABLE/RESET
10
K
Transient suppression diode's cathode common pin.
11—18
OUTPUT N
Open Collector outputs 8 through 1.
Pin Description



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com