Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC59P60 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC59P60
Description  8-Bit Serial-Input Protected Latched Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P60 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC59P60 Datasheet HTML 1Page - Micrel Semiconductor MIC59P60 Datasheet HTML 2Page - Micrel Semiconductor MIC59P60 Datasheet HTML 3Page - Micrel Semiconductor MIC59P60 Datasheet HTML 4Page - Micrel Semiconductor MIC59P60 Datasheet HTML 5Page - Micrel Semiconductor MIC59P60 Datasheet HTML 6Page - Micrel Semiconductor MIC59P60 Datasheet HTML 7Page - Micrel Semiconductor MIC59P60 Datasheet HTML 8Page - Micrel Semiconductor MIC59P60 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC59P60
2
January 2000
MIC59P60
Micrel
Pin Description
Pin
Name
Description
1
CLEAR
Sets All Latches OFF (open).
2,10
V
EE
Output Ground (Substrate). Most negative voltage in the system connects
here.
3
CLOCK
Serial Data Clock. A CLEAR must also be clocked into the latches.
4
SERIAL DATA IN
Serial Data Input pin.
5V
SS
Logic reference (Ground) pin.
6V
DD
Logic Positive Supply voltage.
7
SERIAL DATA OUT
Serial Data Output pin. (Flow through).
8
STROBE
Output Strobe pin. Loads output latches when High. A STROBE is needed
to CLEAR latches.
9
OUTPUT ENABLE/RESET
When Low, Outputs are active. When High, device is inactive and reset
from a fault condition. An under voltage condition emulates a high OE/
RESET input.
11
K
Transient suppression diode's cathode common pin.
12—19
OUTPUT N
Open Collector outputs 8 through 1.
20
FLAG
Error Flag. Flag is Low upon Overcurrent Fault or Overtemperature fault.
OUTPUT ENABLE/RESET must be pulled high to reset the flag and fault
condition.
Absolute Maximum Ratings V
SS = 0; TA = 25°C
Output Voltage (V
CE) .................................................... 80V
Output Voltage (V
CE(SUS)) ............................... 50V, Note 1
V
DD with Reference to VSS ........................................... 15V
V
DD with Reference to VEE ........................................... 25V
Emitter Supply Voltage (V
EE) ...................................... –20V
Input Voltage (V
IN) ............................... –0.3V to VDD+0.3V
Protected Current ............................................ 1.5A, Note 2
Power Dissipation (P
D)
Plastic DIP (N) ......................................................... 2.0W
Derate above T
A = +25°C ............................ 20mW/°C
PLCC (V) ................................................................. 1.4W
Derate above T
A = +25°C ............................ 14mW/°C
Wide SOIC (WM) .................................................... 1.2W
Derate above T
A = +25°C ............................ 12mW/°C
Operating Temperature (T
A)
Plastic DIP (N), PLCC (V), SOIC (WM) .. –40
°C to +85°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Junction Temperature (T
J) ...................................... +150°C
ESD ......................................................................... Note 3
Note 1:
For inductive load applications.
Note 2:
Each channel. VEE connection must be designed to minimize
inductance and resistance.
Note 3:
Devices are input-static protected but can be damaged by
extremetly high static charges.
PLCC Pin
Configuration
CLOCK
SERIAL
DATA IN
DD
V
SS
V
STROBE
OUTPUT
ENABLE
DD
V
SS
V
SUB
N
OUT
K
EE
V
3K
1
2
3
4
12
13
11
20
19
18
14
15
16
17
9
10
5
6
7
8
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
SERIAL DATA OUT
VSS
SERIAL DATA IN
STROBE
VDD
MIC59P60BV
Typical Inputs
Typical Output Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com