Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5812 Datasheet (PDF) - Microchip Technology

HV5812 Datasheet PDF - Microchip Technology
Part # HV5812
Download  HV5812 Download
File Size   522.28 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Channel Serial-Input Vacuum Fluorescent Display Driver for Anode or Grid

HV5812 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV5812 Datasheet PDF - Microchip Technology

Part # HV5812
Download  HV5812 Click to download

File Size   522.28 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Channel Serial-Input Vacuum Fluorescent Display Driver for Anode or Grid

HV5812 Datasheet (HTML) - Microchip Technology


HV5812 Product details

General Description
The HV5812 is a 20-channel serial-input vacuum fluorescent display driver. It combines a 20-bit CMOS shift register, data latches and control circuitry with high-voltage MOSFET outputs. The HV5812 is primarily designed for vacuum fluorescent displays.

Features
• HVCMOS® Technology for High Performance
• Operating Voltage of up to 80V
• High-speed Source Driver
• 5V CMOS Logic Circuitry
• Up to 5 MHz Data Input Rate
• Excellent Noise Immunity
• Flexible High-voltage Supplies

Applications
• Display Driver




Similar Part No. - HV5812

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5812 SUTEX-HV5812 Datasheet
453Kb / 6P
20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
HV5812 SUTEX-HV5812 Datasheet
835Kb / 8P
20-Channel, Serial-Input, Vacuum-Fluorescent Display Driver for Anode/Grid
HV5812P SUTEX-HV5812P Datasheet
453Kb / 6P
20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
HV5812P-G SUTEX-HV5812P-G Datasheet
874Kb / 8P
20-Channel, Serial-Input, Vacuum-Fluorescent Display Driver for Anode/Grid
HV5812PJ SUTEX-HV5812PJ Datasheet
453Kb / 6P
20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
More results


Similar Description - HV5812

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
Supertex, Inc
HV5812 SUTEX-HV5812 Datasheet
453Kb / 6P
20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
VACUUM FLUORESCENT DISPLAY DRIVER
logo
OKI electronic componet...
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
National Semiconductor ...
DS8881 NSC-DS8881 Datasheet
124Kb / 6P
Vacuum Fluorescent Display Driver
logo
List of Unclassifed Man...
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
Supertex, Inc
HV5812WG-G SUTEX-HV5812WG-G Datasheet
835Kb / 8P
20-Channel, Serial-Input, Vacuum-Fluorescent Display Driver for Anode/Grid
HV5812 SUTEX-HV5812_13 Datasheet
874Kb / 8P
20-Channel, Serial-Input, Vacuum-Fluorescent Display Driver for Anode/Grid
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com