Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE680 Datasheet (PDF) - NEC

NE680 Datasheet PDF - NEC
Part # NE680
Download  NE680 Download
File Size   246.53 Kbytes
Page   19 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs NPN SILICON HIGH FREQUENCY TRANSISTOR

NE680 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE680 Datasheet PDF - NEC

Part # NE680
Download  NE680 Click to download

File Size   246.53 Kbytes
Page   19 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs NPN SILICON HIGH FREQUENCY TRANSISTOR

NE680 Datasheet (HTML) - NEC


NE680 Product details

DESCRIPTION
NECs NE680 series of NPN epitaxial silicon transistors is designed for low noise, high gain and low cost applications. Both the chip and micro-x versions are suitable for applications up to 6 GHz. The NE680 die is also available in six different low cost plastic surface mount package styles. The NE680s high fT makes it ideal for low voltage/low current applications, down to as low as 0.5 V / 0.5 mA. IC max for the NE680 series is 35 mA. For higher current applications see the NE681 series. 

FEATURES
• HIGH GAIN BANDWIDTH PRODUCT: fT = 10 GHz
• LOW NOISE FIGURE:
   1.7 dB at 2 GHz
   2.6 dB at 4 GHz
• HIGH ASSOCIATED GAIN:
   12.5 dB at 2 GHz
   8.0 dB at 4 GHz
• EXCELLENT LOW VOLTAGE
   LOW CURRENT PERFORMANCE




Similar Part No. - NE680

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE680 CEL-NE680 Datasheet
935Kb / 19P
NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68018 CEL-NE68018 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68019 CEL-NE68019 Datasheet
70Kb / 1P
NONLINEAR MODEL
NE68030 CEL-NE68030 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68033 CEL-NE68033 Datasheet
30Kb / 1P
NONLINEAR MODEL
More results


Similar Description - NE680

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
NECs NPN SILICON TRANSISTOR
04/26/2004
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
NECs NPN SILICON TRANSISTOR
06/13/2002
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
NECs NPN SILICON TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com