Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE681 Datasheet (PDF) - NEC

NE681 Datasheet PDF - NEC
Part # NE681
Download  NE681 Download
File Size   218.96 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs NPN SILICON HIGH FREQUENCY TRANSISTOR

NE681 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE681 Datasheet PDF - NEC

Part # NE681
Download  NE681 Click to download

File Size   218.96 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs NPN SILICON HIGH FREQUENCY TRANSISTOR

NE681 Datasheet (HTML) - NEC


NE681 Product details

DESCRIPTION
NECs NE681 series of NPN epitaxial silicon transistors are designed for low noise, high gain, low cost amplifier applications. Both the chip and micro-x versions are suitable for amplifier applications up to 4 GHz. The NE681 die is also available in six different low cost plastic surface mount package styles. NE681s unique device characteristics allow you to use a single matching point to simultaneously achieve both low noise and high gain.

FEATURES
• HIGH GAIN BANDWIDTH PRODUCT: fT = 8 GHz
• LOW NOISE FIGURE:
    1.2 dB at 1 GHz
    1.6 dB at 2 GHz
• HIGH ASSOCIATED GAIN:
    15 dB at 1 GHz
    12 dB at 2 GHz
• LOW COST




Similar Part No. - NE681

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE681 CEL-NE681 Datasheet
663Kb / 21P
NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68100 CEL-NE68100 Datasheet
663Kb / 21P
NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68118 CEL-NE68118 Datasheet
44Kb / 1P
NONLINEAR MODEL
NE68118-T1 CEL-NE68118-T1 Datasheet
663Kb / 21P
NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68118-T1-A CEL-NE68118-T1-A Datasheet
663Kb / 21P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Similar Description - NE681

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE856 NEC-NE856 Datasheet
257Kb / 25P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
NECs NPN SILICON TRANSISTOR
04/26/2004
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
NECs NPN SILICON TRANSISTOR
06/13/2002
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
NECs NPN SILICON TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com