Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF374ES4 Datasheet (PDF) - Shoulder Electronics Limited.

HDF374ES4 Datasheet PDF - Shoulder Electronics Limited.
Part # HDF374ES4
Download  HDF374ES4 Download
File Size   380.69 Kbytes
Page   9 Pages
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.
Description Tensile Strength of Carrier Tape: 4.4N/mm width

HDF374ES4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDF374ES4 Datasheet PDF - Shoulder Electronics Limited.

Part # HDF374ES4
Download  HDF374ES4 Click to download

File Size   380.69 Kbytes
Page   9 Pages
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.
Description Tensile Strength of Carrier Tape: 4.4N/mm width

HDF374ES4 Datasheet (HTML) - Shoulder Electronics Limited.




Similar Part No. - HDF374ES4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF3755CS4 SHOULDER-HDF3755CS4 Datasheet
199Kb / 8P
The product shall be packed properly not to be damaged during transportation and storage
More results


Similar Description - HDF374ES4

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
REEL-DFN-6D AME-REEL-DFN-6D Datasheet
27Kb / 1P
(2x2x0.75mm) Carrier Width (W) 8.0-0.1 mm
REEL-DFN-8C AME-REEL-DFN-8C Datasheet
36Kb / 1P
(3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
REEL-DFN-10B AME-REEL-DFN-10B Datasheet
34Kb / 1P
(3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
REEL-MSOP-8 AME-REEL-MSOP-8 Datasheet
35Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-8PP AME-REEL-MSOP-8PP Datasheet
27Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-10PP AME-REEL-MSOP-10PP Datasheet
36Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SC-70-4 AME-REEL-SC-70-4 Datasheet
43Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-TO-263-2 AME-REEL-TO-263-2 Datasheet
34Kb / 1P
Carrier Width (W) 24.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A-0.4 MICROCRYSTAL-CM7V-T1A-0.4 Datasheet
52Kb / 1P
8 mm Carrier-Tape
logo
Shoulder Electronics Li...
HDF869AN2S6 SHOULDER-HDF869AN2S6 Datasheet
495Kb / 8P
Tensile Strength of Carrier Tape: 4.4N/mm width
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com