Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF374ES4 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDF374ES4
Description  Tensile Strength of Carrier Tape: 4.4N/mm width
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF374ES4 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  HDF374ES4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SAW FILTER
HDF374E
S4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 9
6.Reliability
6.1 Mechanical Shock: The components shall remain within the electrical specifications after 1000 shocks,
acceleration 392m/s
2,duration 6 milliseconds.
6.2 Vibration Fatigue: The components shall remain within the electrical
specifications after loaded vibration at 20 Hz , amplitude 1.5mm , for 2 hours.
6.3 High Temperature Storage: The components shall remain within the electrical specifications after being kept at
the 85℃±2℃for 48 hours, then kept at room temperature for 2 hours.
6.4 Low Temperature Storage: The components shall remain within the electrical specifications after being kept at
the -25℃±2℃for 48 hours ,then kept room temperature for 2 hours.
6.5 Temperature Cycle: The components shall remain within the electrical specifications after 5 cycles of high
and low temperature testing(one cycle: 80℃for 30 minutes
®25℃for 5 minutes ® -25℃for 30 minutes ) than
kept at room temperature for 2 hours.
6.6 Solder-heat Resistance : The components shall remain within the electrical
specifications after dipped in the solder at 260℃for 10±1seconds,then kept at room
temperature for 2
hours .(Terminal must be dipped leaving 1.5 mm from the case).
6.7 Solder ability: Solder ability of terminal shall be kept at more than 80% after dipped in the solder flux at 230℃
± 5℃for 5±1 seconds.
7.Remarks
7.1 Static voltage
Static voltage between signal load & ground may cause deterioration & destruction of the component.
Please avoid static voltage .
7.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please avoid ultrasonic
cleaning.
7.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of component.
Performance of
SAWTEK855898



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com