Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ34063CS Datasheet (PDF) - List of Unclassifed Manufacturers

PJ34063CS Datasheet PDF - List of Unclassifed Manufacturers
Part # PJ34063CS
Download  PJ34063CS Download
File Size   338.9 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dc To Converter Controller

PJ34063CS Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ34063CS Datasheet PDF - List of Unclassifed Manufacturers

Part # PJ34063CS
Download  PJ34063CS Click to download

File Size   338.9 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dc To Converter Controller

PJ34063CS Datasheet (HTML) - List of Unclassifed Manufacturers


PJ34063CS Product details

Dc To Converter Controller



The PJ34063 Series is a monlthic contro  l circuit containing the primary functions required for DC to DC onverters. These devices consist of an internal duty cycle oscillator with an active current limit circuit, drive and a high current output switch. This series was specifically designed to be incorporated in step-up, step-down and voltage-inverting applications with a minimum number of external components. temperature compensated reference, comparator, controlled



FEATURES

•  Operation from 3 to 40V input

•  Low standby current

•  Current limiting

•  Output switch current to 1.5A

•  Precision 2% reference

•  Output - voltage adjustable

•  Frequency of operation from 100Hz to 100KH




Similar Part No. - PJ34063CS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PJ3407 VBSEMI-PJ3407 Datasheet
450Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - PJ34063CS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_08 Datasheet
479Kb / 10P
DC TO DC CONVERTER CONTROLLER
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
DC to DC Converter Controller
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063_13 Datasheet
353Kb / 10P
Dc to Dc Converter Controller
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
DC TO DC CONVERTER CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com