Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ34063CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PJ34063CS
Description  Dc To Converter Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ34063CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ34063CS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ34063CS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ34063CS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ34063CS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ34063CS Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ34063CS Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ34063CS Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ34063CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PJ34063
Dc To Converter Controller
1-8
2002/01.rev.A
he P J 34063 S eri es i s a m onl t h i c cont ro l circuit
containing the primary functions required for DC to
DC onverters. These devices consist
of
an
internal
duty cycle oscillator with an
active current
limit
circuit,
drive and a high current output switch.
This series
was
specifically designed to be incorporated
in step-up,
step-
down and voltage-inverting applications with a
minimum
number of external components. temperature compensated
reference,comparator,controlled
•
Operation from 3 to 40V input
•
Low standby current
•
Current limiting
• Output switch current to 1.5A
•
Precision 2% reference
•
Output - voltage adjustable
•
Frequency of operation from 100Hz to 100KH
T
Device
Operating temperature
Packagge
PJ34063CD
DIP-8
PJ34063CS
-20℃~+85℃
SOP-8
DIP -8
SOP -8
FEATURES
BLOCK DIAGRAM
P in : 1. Switch Collector
2. Switch Emitter
3. Timing Capacitor
4. Gnd
5. Comparator Inverting Input
6. Vcc
7. IP K Sense
8. Driver Collector
ORDERING INFORMATION


Similar Part No. - PJ34063CS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PJ3407 VBSEMI-PJ3407 Datasheet
450Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - PJ34063CS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_08 Datasheet
479Kb / 10P
DC TO DC CONVERTER CONTROLLER
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
DC to DC Converter Controller
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063_13 Datasheet
353Kb / 10P
Dc to Dc Converter Controller
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com