Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS4981 Datasheet (PDF) - Gennum Corporation

GS4981 Datasheet PDF - Gennum Corporation
Part # GS4981
Download  GS4981 Download
File Size   279.14 Kbytes
Page   14 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Monolithic Video Sync Separators

GS4981 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS4981 Datasheet PDF - Gennum Corporation

Part # GS4981
Download  GS4981 Click to download

File Size   279.14 Kbytes
Page   14 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Monolithic Video Sync Separators

GS4981 Datasheet (HTML) - Gennum Corporation


GS4981 Product details

Description

The GS1881, GS4881 and GS4981 are general purpose sync separators for use in a wide variety of video applications. The devices extract the timing information from composite video signals with scan rates from 15 to 130kHz.

The GS1881 is a drop-in replacement for the industry standard LM1881 with much improved performance. The device generates composite sync, vertical sync, back porch and odd/even field signals. The GS4881 is identical to the GS1881 but features a noise immune back porch pulse which maintains a constant H rate during the vertical interval. The GS4981 is identical to the GS4881, except that it provides horizontal sync in place of the odd/even output.



Features

• noise tolerant odd/even flag, back porch and horizontal sync pulse

• fast recovery from impulse noise

• excellent temperature stability

• 0.5V to 4Vpp input signal amplitude with 5V supply

• well-controlled clamp discharge current and slicing level

• programmable horizontal scan rate (up to 130kHz)

• composite, vertical, back porch, odd/even (GS1881, GS4881), horizontal (GS4981) outputs

• predictable vertical output pulse width with default trigger for non-standard video signals

• Pb-free and Green

• 5V to 12V supply voltage range

• pin compatible with LM1881 sync separator



 




Similar Part No. - GS4981

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4981 GENNUM-GS4981 Datasheet
4Mb / 29P
Monolithic Video Sync Separators
More results


Similar Description - GS4981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
LM1881 Video Sync Separator
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
Programmable Video Sync Generator
logo
Gennum Corporation
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
Video Sync Separators with 50% Sync Slicing
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
Programmable Video Sync Generator
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
Monolithic Video Sync Separators
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
Video Sync Separator
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com