Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP06ART-500RL7 Datasheet (PDF) - Analog Devices

TMP06ART-500RL7 Datasheet PDF - Analog Devices
Part # TMP06ART-500RL7
Download  TMP06ART-500RL7 Download
File Size   706.54 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70

TMP06ART-500RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP06ART-500RL7 Datasheet PDF - Analog Devices

Part # TMP06ART-500RL7
Download  TMP06ART-500RL7 Click to download

File Size   706.54 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70

TMP06ART-500RL7 Datasheet (HTML) - Analog Devices


TMP06ART-500RL7 Product details

GENERAL DESCRIPTION

The TMP05/TMP06 are monolithic temperature sensors that generate a modulated serial digital output(PWM), which varies in direct proportion to the temperature ofthe devices.The high period(TH) ofthe PWM remains static over all temperatures, while the low period(TL) varies.The B Grade version offers a higher temperature accuracy of ±1°C from 0°C to 70°C with excellent transducer linearity. The digital output ofthe TMP05/TMP06 is CMOS/TTL compatible, and is easily interfaced to the serial inputs of most popular microprocessors. The flexible open-drain output of the TMP06 is capable of sinking 5 mA.



FEATURES

Modulated serial digital output, proportional to temperature

±0.5°C accuracy at 25°C

±1.0°C accuracy from 25°C to 70°C

Two grades available

Operation from −40°C to +150°C

Operation from 3 Vto 5.5 V

Power consumption 70 µW maximum at 3.3 V

CMOS/TTL-compatible output on TMP05

Flexible open-drain output onTMP06

Small, low cost 5-lead SC-70 and SOT-23 packages




Similar Part No. - TMP06ART-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
More results


Similar Description - TMP06ART-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
짹0.5째C Accurate, 1.7V Digital Temperature Sensor
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com