Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP06ART-500RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # TMP06ART-500RL7
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06ART-500RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button TMP06ART-500RL7 Datasheet HTML 3Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 4Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 5Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 6Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 7Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 8Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 9Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 10Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 7 of 28
TIMING CHARACTERISTICS
TA = TMIN to TMAX, VDD = 3.0 V to 5.5 V, unless otherwise noted.
Guaranteed by design and characterization, not production tested.
Table 3.
Parameter
Limit
Unit
Comments
TH
40
ms typ
PWM high time @ 25°C under nominal conversion rate
TL
76
ms typ
PWM low time @ 25°C under nominal conversion rate
t31
50
ns typ
TMP05 output rise time
t41
50
ns typ
TMP05 output fall time
t42
30
ns typ
TMP06 output fall time
t5
25
µs max
Daisy-chain start pulse width
1 Test load circuit is 100 pF to GND.
2 Test load circuit is 100 pF to GND, 10 kΩ to 5.5 V.
TH
TL
t4
90% 10%
t3
90%
10%
Figure 2. PWM Output Nominal Timing Diagram (25°C)
t5
START PULSE
Figure 3. Daisy-Chain Start Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com