Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP06ART-500RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # TMP06ART-500RL7
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06ART-500RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button TMP06ART-500RL7 Datasheet HTML 7Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 8Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 9Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 10Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 11Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 12Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 13Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 14Page - Analog Devices TMP06ART-500RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 11 of 28
2000
1800
1600
1400
1200
1000
800
600
400
200
0
0
10000
9000
8000
7000
6000
5000
4000
3000
2000
1000
CAPACTIVE LOAD (pF)
VDD = 3.3V
RISE TIME
FALL TIME
Figure 12. TMP05 Output Rise and Fall Times vs. Capacitive Load
250
200
150
100
50
0
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (
°C)
VDD = 3.3V
ILOAD = 5mA
ILOAD = 1mA
ILOAD = 0.5mA
Figure 13. TMP06 Output Low Voltage vs. Temperature
35
30
25
20
15
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (
°C)
VDD = 3.3V
Figure 14. TMP06 Open Drain Sink Current vs. Temperature
1.25
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
VDD = 3.3V
CONTINUOUS MODE OPERATION
NOMINAL CONVERSION RATE
Figure 15. Output Accuracy vs. Temperature
350
300
250
200
150
100
50
0
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (
°C)
VDD = 3.3V
CONTINUOUS MODE OPERATION
NOMINAL CONVERSION RATE
NO LOAD ON OUT PIN
Figure 16. Supply Current vs. Temperature
255
250
245
240
235
230
225
220
215
2.7
5.7
5.4
5.1
4.8
4.5
4.2
3.9
3.6
3.3
3.0
SUPPLY VOLTAGE (V)
AMBIENT TEMPERATURE = 25
°C
CONTINUOUS MODE OPERATION
NOMINAL CONVERSION RATE
NO LOAD ON OUT PIN
Figure 17. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com