Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5543BRM Datasheet (PDF) - Analog Devices

AD5543BRM Datasheet PDF - Analog Devices
Part # AD5543BRM
Download  AD5543BRM Download
File Size   259.56 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current Output/ Serial Input, 16-/14-Bit DAC

AD5543BRM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5543BRM Datasheet PDF - Analog Devices

Part # AD5543BRM
Download  AD5543BRM Click to download

File Size   259.56 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current Output/ Serial Input, 16-/14-Bit DAC

AD5543BRM Datasheet (HTML) - Analog Devices


AD5543BRM Product details

GENERAL DESCRIPTION
The AD5543/AD5553 are precision 16-/14-bit, low power, current output, small form factor digital-to-analog converters (DACs). They are designed to operate from a single 5 V supply with a ±10 V multiplying reference.

FEATURES
    16-bit resolution AD5543
    14-bit resolution AD5553
    ±1 LSB DNL
    ±1 LSB INL
    Low noise: 12 nV/√Hz
    Low power: IDD = 10 µA
    0.5 µs settling time
    4-quadrant multiplying reference input
    2 mA full-scale current ± 20%, with VREF = 10 V
    Built-in RFB facilitates voltage conversion
    3-wire interface
    Ultracompact 8-lead MSOP and 8-lead SOIC packages

APPLICATIONS
    Automatic test equipment
    Instrumentation
    Digitally controlled calibration
    Industrial control programmable logic controllers




Similar Part No. - AD5543BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543BRM AD-AD5543BRM Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRM-REEL7 AD-AD5543BRM-REEL7 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRMZ AD-AD5543BRMZ Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRMZ-REEL7 AD-AD5543BRMZ-REEL7 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Similar Description - AD5543BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD7849 AD-AD7849 Datasheet
212Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com