Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC05M68H Datasheet (PDF) - Motorola, Inc

M68HC05M68H Datasheet PDF - Motorola, Inc
Part # M68HC05M68H
Download  M68HC05M68H Download
File Size   1541.78 Kbytes
Page   130 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

M68HC05M68H Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC05M68H Datasheet PDF - Motorola, Inc

Part # M68HC05M68H
Download  M68HC05M68H Click to download

File Size   1541.78 Kbytes
Page   130 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

M68HC05M68H Datasheet (HTML) - Motorola, Inc


M68HC05M68H Product details

Introduction

The MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller. It is a low-cost combination of an M68HC05 Family microprocessor with a 4-channel, 8-bit analog-to-digital (A/D) converter, a 16-bit timer with output compare and input capture, a serial communications port (SIOP), and a computer operating properly (COP) watchdog timer. The M68HC05 CPU core contains 176 bytes of RAM, 4672 bytes of user EPROM, 239 bytes of bootloader ROM, and 21 input/output (I/O) pins (20 bidirectional, 1 input-only). This device is available in either a 28-pin plastic dual in-line (PDIP) or a 28-pin small outline integrated circuit (SOIC) package.



Features

Features of the MC68HC705P6A include:

• Low cost

• M68HC05 core

• 28-pin SOIC, PDIP, or windowed DIP package

• 4672 bytes of user EPROM (including 48 bytes of page zero EPROM and 16 bytes of user vectors)

• 239 bytes of bootloader ROM

• 176 bytes of on-chip RAM

• 4-channel 8-bit A/D converter

• SIOP serial communications port

• 16-bit timer with output compare and input capture

• 20 bidirectional I/O lines and 1 input-only line

• PC0 and PC1 high-current outputs

• Single-chip, bootloader, and test modes

• Power-saving stop, halt, and wait modes

• Static EPROM mask option register (MOR) selectable options:

– COP watchdog timer enable or disable

– Edge-sensitive or edge- and level-sensitive external interrupt

– SIOP most significant bit (MSB) or least significant bit (LSB) first

– SIOP clock rates: OSC divided by 8, 16, 32, or 64

– Stop instruction mode, STOP or HALT

– EPROM security external lockout

– Programmable keyscan (pullups/interrupts) on PA0–PA7



 




Similar Part No. - M68HC05M68H

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC05 MOTOROLA-M68HC05 Datasheet
2Mb / 222P
M68HC05 MICROCONTROLLERS
logo
Freescale Semiconductor...
M68HC05 FREESCALE-M68HC05 Datasheet
3Mb / 302P
Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
755Kb / 118P
Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
Microcontrollers
logo
NXP Semiconductors
M68HC05 NXP-M68HC05 Datasheet
3Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
Rev. 2.1 08/2005
More results


Similar Description - M68HC05M68H

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
HCMOS Microcontroller Unit
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
HCMOS Microcontroller Unit
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
HCMOS Microcontroller Unit
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
HCMOS MICROCONTROLLER UNIT
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
HCMOS Microcontroller Unit
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
HCMOS MICROCONTROLLER UNIT
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com