Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2619 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2619 Datasheet PDF - National Semiconductor (TI)
Part # LM2619
Download  LM2619 Download
File Size   844.41 Kbytes
Page   15 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 500mA Sub-Miniature Step-Down DC-DC Converter

LM2619 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2619 Datasheet PDF - National Semiconductor (TI)

Part # LM2619
Download  LM2619 Click to download

File Size   844.41 Kbytes
Page   15 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 500mA Sub-Miniature Step-Down DC-DC Converter

LM2619 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2619

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619 NSC-LM2619 Datasheet
855Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM2619 TI1-LM2619 Datasheet
1Mb / 21P
500-mA Sub-Miniature Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619ATL NSC-LM2619ATL Datasheet
855Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM2619ATL/NOPB TI1-LM2619ATL/NOPB Datasheet
1Mb / 21P
500-mA Sub-Miniature Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619ATLX NSC-LM2619ATLX Datasheet
855Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
More results


Similar Description - LM2619

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
500mA Step-Down DC-DC Converter
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
2.5MHz 500mA Step-Down DC/DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Texas Instruments
LM2619 TI1-LM2619_15 Datasheet
1Mb / 21P
500-mA Sub-Miniature Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
Miniature, Adjustable, Step-Down DC-DC Converter
logo
HY-LINE Power Component...
P78A1R5 HY-LINE-P78A1R5 Datasheet
327Kb / 2P
500mA DC-DC Step Down Converter P78A-Series
Rev: 4.08 f
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com