Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2619 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2619
Description  500mA Sub-Miniature Step-Down DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2619 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2619 Datasheet HTML 3Page - National Semiconductor (TI) LM2619 Datasheet HTML 4Page - National Semiconductor (TI) LM2619 Datasheet HTML 5Page - National Semiconductor (TI) LM2619 Datasheet HTML 6Page - National Semiconductor (TI) LM2619 Datasheet HTML 7Page - National Semiconductor (TI) LM2619 Datasheet HTML 8Page - National Semiconductor (TI) LM2619 Datasheet HTML 9Page - National Semiconductor (TI) LM2619 Datasheet HTML 10Page - National Semiconductor (TI) LM2619 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Performance Characteristics LM2619ATL, Circuit of Figure 3,V
IN = 3.6V, TA = 25˚C, unless
otherwise noted. (Continued)
Efficiency vs Output Current
(V
OUT = 1.5V, PWM MODE)
Efficiency vs Output Current
(V
OUT = 1.5V, PWM MODE, with Diode)
20057415
20057416
Efficiency vs Output Current
(V
OUT = 3.6V, PWM MODE)
(Circuit in Figure 4)
Efficiency vs Output Current
(V
OUT = 3.6V, PWM MODE, with Diode)
(Circuit in Figure 4)
20057417
20057418
Device Information
The LM2619 is a simple, step-down DC-DC converter opti-
mized for powering circuits in mobile phones, portable com-
municators, and similar battery powered RF devices. It is
based on a current-mode buck architecture, with synchro-
nous rectification in PWM mode for high efficiency. It is
designed for a maximum load capability of 500mA in PWM
mode. Maximum load range may vary from this depending
on input voltage, output voltage and the inductor chosen.
The device has all three of the pin-selectable operating
modes required for powering circuits in mobile phones and
other sophisticated portable devices with complex power
management needs. Fixed-frequency PWM operation offers
full output current capability at high efficiency while minimiz-
ing interference with sensitive IF and data acquisition cir-
cuits. During standby operation, hysteretic PFM mode re-
duces quiescent current to 160µA typ. to maximize battery
life. Shutdown mode turns the device off and reduces battery
consumption to 0.02µA (typ).
DC PWM mode feedback voltage precision is ±1%. Effi-
ciency is typically 96% for a 200mA load with 3.6V output,
3.9V input. The efficiency can be further increased by using
a schottky diode like MBRM120L as shown in Figure 4. PWM
mode quiescent current is 600µA typ. The output voltage can
be set from 1.5V to 3.6V by using external feedback resis-
tors.
Additional features include soft-start, current overload pro-
tection, over voltage protection and thermal shutdown pro-
tection.
The LM2619 is constructed using a chip-scale 10-pin thin
micro SMD package. This package offers the smallest pos-
sible size, for space-critical applications such as cell phones,
where board area is an important design consideration. Use
of a high switching frequency (600kHz) reduces the size of
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com