Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7542 Datasheet (PDF) - Exar Corporation

MP7542 Datasheet PDF - Exar Corporation
Part # MP7542
Download  MP7542 Download
File Size   108.7 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter

MP7542 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7542 Datasheet PDF - Exar Corporation

Part # MP7542
Download  MP7542 Click to download

File Size   108.7 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter

MP7542 Datasheet (HTML) - Exar Corporation


MP7542 Product details

GENERAL DESCRIPTION
The MP7542 is a precision, 12-bit CMOS 4-quadrant multiplying Digital-to-Analog Converter designed for direct interface to 4 and 8-bit microprocessors.

FEATURES
• 12-Bit DAC with a 4-Bit Parallel Address for 4 & 8-Bit
   Microprocessor or Microcontroller Interface
• Nonlinearity +1/2 LSB Tmin to Tmax
• Latch-Up Free
• Low Sensitivity to Output Amplifier VOS
• Low Output Capacitance
• +5 V Supply Operation
• Low Power Consumption: 40mW Max.
• Low Cost
• Serial Version: MP7543




Similar Part No. - MP7542

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJN EXAR-MP7541BJN Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJS EXAR-MP7541BJS Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKN EXAR-MP7541BKN Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKS EXAR-MP7541BKS Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
More results


Similar Description - MP7542

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7543 EXAR-MP7543 Datasheet
128Kb / 12P
5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com