Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7541BKN Datasheet (PDF) - Exar Corporation

MP7541BKN Datasheet PDF - Exar Corporation
Part # MP7541BKN
Download  MP7541BKN Download
File Size   89.4 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter

MP7541BKN Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7541BKN Datasheet PDF - Exar Corporation

Part # MP7541BKN
Download  MP7541BKN Click to download

File Size   89.4 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter

MP7541BKN Datasheet (HTML) - Exar Corporation


MP7541BKN Product details

GENERAL DESCRIPTION

The MP7541B is a pin-compatible replacement which offers superior performance in latch-up and ESD protection versus the comparable 7541 and 7541A. The high ESD protection will reduce failures caused by mishandling. These devices are manufactured using patented advanced thin film resistors on a double metal CMOS process which result in ultra stable thin film and superior long life reliability and stability.



FEATURES

• ESD Protection: 2000 V Minimum

• Full Four Quadrant Multiplication

• Low Glitch Energy

• 12-Bit Linearity (End-Point)

• Guaranteed Monotonic. All Grades. All Temperatures.

• TTL/5 V CMOS Compatible

• Stable, More Accurate Segmented Architecture

– 2.0 ppm/°C Typ. Gain Error Tempco

– 0.2 ppm/°C Max. Linearity Tempco

– Lowest Sensitivity to Output Amplifier Offset

• Latch-Up Free



APPLICATIONS

• Industrial Automation

• Automatic Test Equipment

• Disk Drive Servo Systems

• Digital/Synchro Conversion

• Programmable Gain Amplifiers

• Ratiometric A/D Conversion

• Function Generation

• Digitally Controlled Filters




Similar Part No. - MP7541BKN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7542 EXAR-MP7542 Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7542AD EXAR-MP7542AD Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7542BD EXAR-MP7542BD Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7542JN EXAR-MP7542JN Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7542JS EXAR-MP7542JS Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
More results


Similar Description - MP7541BKN

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com