Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTV021 Datasheet (PDF) - List of Unclassifed Manufacturers

MTV021 Datasheet PDF - List of Unclassifed Manufacturers
Part # MTV021
Download  MTV021 Download
File Size   205.94 Kbytes
Page   17 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Enhanced Super On-Screen Display

MTV021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTV021 Datasheet PDF - List of Unclassifed Manufacturers

Part # MTV021
Download  MTV021 Click to download

File Size   205.94 Kbytes
Page   17 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Enhanced Super On-Screen Display

MTV021 Datasheet (HTML) - List of Unclassifed Manufacturers


MTV021 Product details

[Myson]



GENERAL DESCRIPTION

MTV021 is designed for monitor applications to display built-in characters or fonts onto monitor screens. The display operation occurs by transferring data and control information from the micro-controller to RAM through a serial data interface. It can execute full-screen display automatically, as well as specific functions such as character background color, bordering, shadowing, blinking, double height and width, font by font color control, frame positioning, frame size control by character height and row-to-row spacing, horizontal display resolution, full-screen erasing, fade-in/fade-out effect, windowing effect and shad owing on window.



FEATURES

• Horizontal SYNC input up to 130 KHz.

• On-chip PLL circuitry up to 96 MHz.

• Programmable horizontal resolutions up to 1524 dots per display row.

• Full-screen display consists of 15 (rows) by 30 (columns) characters.

• 12 x 18 dot matrices per character.

• Total of 272 characters and graphic fonts, including 256 standard and 16 multi-color mask ROM fonts.

• 8 color-selectable maximum per display character.

• 7 color-selectable maximum for character background.

• Double character height and/or width control.

• Programmable positioning for display screen center.

• Bordering, shadowing and blinking effect.

• Programmable character height (18 to 71 lines) control.

• Row to row spacing register to manipulate the constant display height.

• 4 programmable background windows with multi-level operation and shadowing on window effect.

• Software clears bit for full-screen erasing.

• Half tone and fast blanking output.

• Fade-in/fade-out effect.

• 8-channel/8-bit PWM D/A converter output.

• Compatible with SPI bus or I2C interface with slave address 7AH (slave address is mask option).

• 16-pin, 20-pin or 24-pin PDIP package.



 




Similar Part No. - MTV021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
Microprocessor Compatible Monitor Controller
MTV003N ETC-MTV003N Datasheet
224Kb / 13P
Microprocessor Compatible Monitor Controller
MTV004 ETC-MTV004 Datasheet
88Kb / 9P
On-Screen Display Shrink Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
8051 Embedded CRT Monitor Controller OTP Version
More results


Similar Description - MTV021

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
VIDEO ON-SCREEN DISPLAY
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
logo
NXP Semiconductors
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
logo
List of Unclassifed Man...
MTV018 ETC-MTV018 Datasheet
139Kb / 16P
Super On-Screen-Display
MTV016 ETC-MTV016 Datasheet
104Kb / 11P
Enhanced On-Screen-Display Controller
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
Super On-Screen-Display for LCD Monitor
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
Enhanced Monitor On-Screen Display
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com