Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTV048 Datasheet (PDF) - List of Unclassifed Manufacturers

MTV048 Datasheet PDF - List of Unclassifed Manufacturers
Part # MTV048
Download  MTV048 Download
File Size   234.76 Kbytes
Page   19 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description On-Screen-Display Controller for CRT/LCD Monitor

MTV048 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTV048 Datasheet PDF - List of Unclassifed Manufacturers

Part # MTV048
Download  MTV048 Click to download

File Size   234.76 Kbytes
Page   19 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description On-Screen-Display Controller for CRT/LCD Monitor

MTV048 Datasheet (HTML) - List of Unclassifed Manufacturers


MTV048 Product details

[MYSON TECHNOLOGY]

GENERAL DESCRIPTION

MTV048 is designed for monitor applications to display built-in fonts onto monitor screens. The display operation occurs by transferring data and controls information from the micro controller to RAM through a serial data interface. It can execute a full-screen display automatically, as well as specific functions such as character background, bordering, shadowing, blinking, double height and width, font-by-font color control, button boxes, frame positioning, frame size control by character height and row-to-row spacing, horizontal display resolution, full screen erasing, fade-in/fade-out effect, windowing effect, shadowing on window and full-screen self-test pattern generator.



FEATURES

·Software control for CRT/LCD applications.

·Full screen self-test pattern generator with programmable pattern color.

·On-chip PLL circuitry (CRT) or external pixel clock input (LCD) up to 150 MHz.

·Horizontal SYNC input up to 150 KHz.

·Programmable horizontal resolutions up to 1524 dots per display line.

·Full screen display consists of 15 (rows) by 30 (columns).

·12x16 or 12x18 dot matrix selection.

·A total of 384 fonts including 360 standard fonts, 16 multi-color fonts and 8 user fonts.

·8 color selections for character foreground, background and window color.

·Character button boxes with programmable box length.

·Character bordering, shadowing and blinking effect for display.

·Full-screen character double width control.

·Double character height and/or width control per row.

·Programmable positioning for display screen center.

·Row to row spacing control per row to avoid expansion distortion.

·4 programmable background windows with multi-level operation and programmable shadow width/height/color.

·Software clear bit for full-screen erasing.

·Programmable adaptive approach to handle H, V sync collision automatically by hardware.

·Fade-in/fade-out or blend-in/blend-out effects.

·Compatible with SPI bus or I2C interface with address 7AH (slave address is mask option).

·5V or 3.3V power supply.

16-pin PDIP/SOP package.




Similar Part No. - MTV048

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
Microprocessor Compatible Monitor Controller
MTV003N ETC-MTV003N Datasheet
224Kb / 13P
Microprocessor Compatible Monitor Controller
MTV004 ETC-MTV004 Datasheet
88Kb / 9P
On-Screen Display Shrink Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
8051 Embedded CRT Monitor Controller OTP Version
More results


Similar Description - MTV048

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
logo
List of Unclassifed Man...
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
Super On-Screen-Display for LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
On-Screen Display Controller for CRT/LCD Monitor
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
Monitor On-Screen Display
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
On-Screen Display for LCD Monitor
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
Monitor On-Screen Display
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
Monitor on-Screen Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com