Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP7312 Datasheet (PDF) - Cirrus Logic

EP7312 Datasheet PDF - Cirrus Logic
Part # EP7312
Download  EP7312 Download
File Size   1533.54 Kbytes
Page   54 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE

EP7312 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP7312 Datasheet PDF - Cirrus Logic

Part # EP7312
Download  EP7312 Click to download

File Size   1533.54 Kbytes
Page   54 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE

EP7312 Datasheet (HTML) - Cirrus Logic


EP7312 Product details

OVERVIEW
The Maverick™ EP7311 is designed for ultra-low-power applications such as PDAs, smart cellular phones, and industrial hand held information appliances. The core logic functionality of the device is built around an ARM720T processor with 8 KB of four-way set associative unified cache and a write buffer. Incorporated into the ARM720T is an enhanced memory management unit (MMU) which allows for support of sophisticated operating systems like Linux®.

FEATURES
■ ARM720T Processor
   — ARM7TDMI CPU
   — 8 KB of four-way set-associative cache
   — MMU with 64-entry TLB
   — Thumb code support enabled
■ Ultra low power
   — 90 mW at 74 MHz typical
   — 30 mW at 18 MHz typical
   — 10 mW in the Idle State
   — <1 mW in the Standby State
■ 48 KB of on-chip SRAM
■ MaverickKey™ IDs
   — 32-bit unique ID can be used for SDMI compliance
   — 128-bit random ID
■ Dynamically programmable clock speeds of
   18, 36, 49, and 74 MHz

■ LCD controller
   — Interfaces directly to a single-scan panel
      monochrome STN LCD
   — Interfaces to a single-scan panel color STN LCD
      with minimal external glue logic
■ Full JTAG boundary scan and Embedded ICE
   support
■ Integrated Peripheral Interfaces
   — 32-bit SDRAM Interface up to 2 external banks
   — 8/32/16-bit SRAM/FLASH/ROM Interface
   — Multimedia Codec Port
   — Two Synchronous Serial Interfaces (SSI1, SSI2)
   — CODEC Sound Interface
   — 8×8 Keypad Scanner
   — 27 General Purpose Input/Output pins
   — Dedicated LED flasher pin from the RTC
■ Internal Peripherals
   — Two 16550 compatible UARTs
   — IrDA Interface
   — Two PWM Interfaces
   — Real-time Clock
   — Two general purpose 16-bit timers
   — Interrupt Controller
   — Boot ROM
■ Package
   — 208-Pin LQFP
   — 256-Ball PBGA
   — 204-Ball TFBGA
■ The fully static EP7311 is optimized for low power
   dissipation and is fabricated on a 0.25 micron CMOS
   process
■ Development Kits
   — EDB7312: Development Kit with color STN LCD
      on board.
   — EDB7312-LW: EDB7312 with Lynuxworks’
      BlueCat Linux Tools and software for Windows
      host (free 30 day BlueCat support from
      Lynuxworks).
   — EDB7312-LL: EDB7312 with Lynuxworks’ BlueCat
      Linux Tools and software for Linux host (free 30
      day BlueCat support from Lynuxworks).




Similar Part No. - EP7312

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7312-90 APEX-EP7312-90 Datasheet
549Kb / 4P
Allows Faster than Real-Time Recording
EP7312-CB CIRRUS-EP7312-CB Datasheet
1Mb / 64P
High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7312-CB-90 CIRRUS-EP7312-CB-90 Datasheet
1Mb / 64P
HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
More results


Similar Description - EP7312

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
CS89712 CIRRUS-CS89712 Datasheet
2Mb / 170P
HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
Ultra-Low-Power Audio Decoder System-on-Chip
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
logo
ams AG
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
Stereo Audio Codec with enhanced System Power Management
logo
Cirrus Logic
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com