Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP7209 Datasheet (PDF) - Cirrus Logic

EP7209 Datasheet PDF - Cirrus Logic
Part # EP7209
Download  EP7209 Download
File Size   1382.99 Kbytes
Page   128 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Ultra-Low-Power Audio Decoder System-on-Chip

EP7209 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP7209 Datasheet PDF - Cirrus Logic

Part # EP7209
Download  EP7209 Click to download

File Size   1382.99 Kbytes
Page   128 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Ultra-Low-Power Audio Decoder System-on-Chip

EP7209 Datasheet (HTML) - Cirrus Logic


EP7209 Product details

OVERVIEW
The EP7209 is a complete integrated system on a chip for enabling personal digital audio solutions. It is designed specifically for implementing audio processing algorithms in power sensitive applications. The core-logic functionality of the device is built around an ARM720T embedded processor.

FEATURES
■ Audio decoder system-on-chip
    — Allows for support of multiple audio decompression algorithms
    — Supports MPEG 1, 2, & 2.5 layer 3 audio decoding, including ISO compliant MPEG 1 & 2 layer 3 support for all standard sample rates and bit rates
    — Supports bit streams with adaptive bit rates
    — DAI (Digital Audio Interface) providing glueless interface to low power DACs, ADCs, and Codecs
■ Ultra low power consumption for MP3 playback
    — 87 mW (typical) for 44.1 kHz samples/sec, 128 kbits/second
    — 50 mW for 22.05 kHz samples/sec, 64 kbits/second
    — <1 mW in Standby State
■ ARM720T processor
    — ARM7TDMI CPU
    — 8 kbytes of four-way set-associative cache
    — MMU with 64-entry TLB (transition look-aside buffer)
    — Write Buffer
    — Windows® CE enabled
    — Thumb code support enabled
■ Dynamically programmable clock speeds of 18, 36, 49, and 74 MHz at 2.5 V
■ Performance matching 100 MHz Intel® Pentium-based PC
■ OEM customization
    — Integrated ARM720T RISC processor
    — Up to 25 MHz of CPU processing power available (after digital audio decoding) for custom features such as software EQ or tone control, volume control, spectrum analyzer, random play order, etc.
    — Allows for control of digital voice recorder function
■ LCD controller
    — Interfaces directly to a single-scan panel monochrome LCD
    — Panel width is programmable from 32 to 1024 pixels in 16-pixel increments
    — Video frame buffer size programmable up to 128 kbytes
    — Bits per pixel of 1, 2, or 4 bits
■ Memory controller
    — Decodes up to 6 separate memory segments of up to 256 Mbytes each
    — Each segment can be configured as 8, 16, or 32 bits wide and supports page-mode access
    — Programmable access time for conventional ROM/SRAM/FLASH memory
    — Supports Removable FLASH card interface
    — Enables connection to removable FLASH card for addition of expansion FLASH memory modules
■ 38,400 bytes (0x9600) of on-chip SRAM for fast program execution and/or as a frame buffer
■ On-chip boot ROM for manufacturing support
■ Integrated DAI interface
    — Connects directly to a Crystal® audio DAC
■ 27-bits of general-purpose I/O
    — Three 8-bit and one 3-bit GPIO port
    — Supports scanning keyboard matrix
■ SIR (up to 115.2 kbps) infrared encoder/decoder
    — IrDA (Infrared Data Association) SIR protocol encoder/decoder
■ DC-to-DC converter interface (PWM)
    — Provides two 96 kHz clock outputs with programmable duty ratio (from 1-in-16 to 15-in-16) that can be used to drive a DC to DC converter
■ 208-pin LQFP or 256-ball PBGA packages
■ Full JTAG boundary scan and Embedded ICE support




Similar Part No. - EP7209

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
EP7211-CP-A CIRRUS-EP7211-CP-A Datasheet
2Mb / 166P
HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
EP7211-CV-A CIRRUS-EP7211-CV-A Datasheet
2Mb / 166P
HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7212-CB-A CIRRUS-EP7212-CB-A Datasheet
2Mb / 136P
HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
More results


Similar Description - EP7209

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-PS7110 CIRRUS-CL-PS7110 Datasheet
1Mb / 82P
Low-Power System-on-a-Chip
Version 1.5 May 1997
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
CL-PS7111 CIRRUS-CL-PS7111 Datasheet
1Mb / 105P
Low-Power System-on-a-Chip
logo
Sony Corporation
CXD5091AGG SONY-CXD5091AGG Datasheet
352Kb / 31P
Ultra low power Audio Decoder LSI
logo
Texas Instruments
CC2510FX TI1-CC2510FX_16 Datasheet
3Mb / 245P
Low-Power SoC (System-on-Chip)
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510_16 Datasheet
215Kb / 34P
Low Power System-on-Chip
September, 2016 ??Rev. 0
logo
NXP Semiconductors
QN908X NXP-QN908X Datasheet
6Mb / 80P
Ultra low power Bluetooth 5 system-on-chip solution
Rev. 1.2-19 April 2018
QN902X NXP-QN902X Datasheet
693Kb / 44P
Ultra low power Bluetooth LE system-on-chip solution
Rev. 2.7-21 November 2018
logo
List of Unclassifed Man...
NRF24LE1 ETC1-NRF24LE1 Datasheet
754Kb / 2P
Single chip ultra low power wireless Ultra low power wireless system-on-chip solution
logo
NXP Semiconductors
QN908X NXP-QN908X_V01 Datasheet
4Mb / 81P
Ultra low power Bluetooth 5 system-on-chip solution
Rev. 1.3-6 January 2021
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com