Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALF150_SERIES Datasheet (PDF) - Arch Electronics Corp.

ALF150_SERIES Datasheet PDF - Arch Electronics Corp.
Part # ALF150_SERIES
Download  ALF150_SERIES Download
File Size   263.54 Kbytes
Page   2 Pages
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.
Description Universal Input: 100-240 VAC (Up to 277 VAC)

ALF150_SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
ALF150_SERIES Datasheet PDF - Arch Electronics Corp.

Part # ALF150_SERIES
Download  ALF150_SERIES Click to download

File Size   263.54 Kbytes
Page   2 Pages
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.
Description Universal Input: 100-240 VAC (Up to 277 VAC)

ALF150_SERIES Datasheet (HTML) - Arch Electronics Corp.




Similar Part No. - ALF150_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF150-12S ARCH-ALF150-12S Datasheet
332Kb / 5P
LED Power
ALF150-12S ARCH-ALF150-12S Datasheet
269Kb / 6P
LED Power
ALF150-24S ARCH-ALF150-24S Datasheet
332Kb / 5P
LED Power
ALF150-24S ARCH-ALF150-24S Datasheet
269Kb / 6P
LED Power
ALF150-36 ARCH-ALF150-36 Datasheet
269Kb / 6P
LED Power
More results


Similar Description - ALF150_SERIES

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
Universal Input 85-264 VAC
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
85 VAC to 264 VAC universal input range
logo
List of Unclassifed Man...
RSLD035-7A ETC2-RSLD035-7A Datasheet
1Mb / 5P
Wide Range Input: 120, 240, or 277 VAC
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
Universal Input 85-264 VAC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com