Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9504A Datasheet (PDF) - NXP Semiconductors

PCA9504A Datasheet PDF - NXP Semiconductors
Part # PCA9504A
Download  PCA9504A Download
File Size   146.97 Kbytes
Page   29 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Glue chip 4

PCA9504A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9504A Datasheet PDF - NXP Semiconductors

Part # PCA9504A
Download  PCA9504A Click to download

File Size   146.97 Kbytes
Page   29 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Glue chip 4

PCA9504A Datasheet (HTML) - NXP Semiconductors


PCA9504A Product details

DESCRIPTION
The PCA9504A Glue Chip 4 is a highly integrated and cost-efficient custom ASIC that reduces logic part count, overall component cost, and board space requirements for PC designers and manufacturers. The Glue Chip 4 supports the latest generation of high-volume platforms based on Intel processors and chipsets that require additional external circuitry in order to function properly. It is used on entry servers/workstations (840 and 860 chipsets), high-end desktops (820 and 850 chipsets), as well as mid range (815, 830 and 845 chipsets) and low-end (810 chipset) motherboards. Some of these functionalities include meeting timing specifications, buffering signals, and switching between power wells.

FEATURES
• Dual, Strapping, Selectable Feature Sets
• Audio-disable Circuit
• Mute Audio Circuit
• 5 V reference generation
• 5 V standby reference generation
• HD single color LED driver
• IDE reset signal generation/PCIRST# buffers
• PWROK (PWRGD_3V) signal generation
• Power Sequencing / BACKFEED_CUT
• Power Supply turn on circuitry
• RMSRST# generation
• Voltage translation for DDC to VGA monitor
• HSYNCH / VSYNCH voltage translation to VGA monitor
• 3-state buffers for test
• Extra GP Logic gates
• Power LED Drivers
• Flash FLUSH# / INIT# circuit
• 5 V I2C to 3.3 V SMBus conversion to 400 kHz
• Requires both 3.3 V and 5.0 V operating voltages
• 0 to +70 °C operating temperature range
• ESD protection exceeds 1000 V HBM per JESD22-A114 and 750 V CDM per JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Package offered: TSSOP56




Similar Part No. - PCA9504A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9500 PHILIPS-PCA9500 Datasheet
145Kb / 21P
8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
PCA9500 PHILIPS-PCA9500 Datasheet
169Kb / 23P
8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
PCA9500 NXP-PCA9500 Datasheet
167Kb / 26P
8-bit I2C-bus and SMBus I/O port with 2-kbit EEPROM
Rev. 04-15 April 2009
PCA9500 NXP-PCA9500 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9500BS PHILIPS-PCA9500BS Datasheet
145Kb / 21P
8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
More results


Similar Description - PCA9504A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87373 NSC-PC87373 Datasheet
2Mb / 174P
LPC SuperI/O with Glue Functions
PC87372 NSC-PC87372 Datasheet
1Mb / 144P
LPC SuperI/O with Glue Functions
PC8374L NSC-PC8374L Datasheet
1Mb / 239P
SensorPathTM SuperI/O with Glue Functions
logo
TE Connectivity Ltd
C-1461492 TEC-C-1461492 Datasheet
131Kb / 2P
UNIFY GROOVE OF GLUE
logo
Murata Manufacturing Co...
GCG31CR71E475JA01 MURATA-GCG31CR71E475JA01 Datasheet
682Kb / 17P
Chip Monolithic Ceramic Capacitor for Automotive limited to Conductive Glue Mounting
GCG21BR91E105KE01 MURATA-GCG21BR91E105KE01 Datasheet
605Kb / 18P
Chip Monolithic Ceramic Capacitor for Automotive limited to Conductive Glue Mounting
GCG188R91H224KA01 MURATA-GCG188R91H224KA01 Datasheet
673Kb / 17P
Chip Monolithic Ceramic Capacitor for Automotive limited to Conductive Glue Mounting
GCG31MR71E225JA12 MURATA-GCG31MR71E225JA12 Datasheet
682Kb / 17P
Chip Monolithic Ceramic Capacitor for Automotive limited to Conductive Glue Mounting
logo
Murata Manufacturing Co...
GCB155M91E222KE03 MURATA1-GCB155M91E222KE03 Datasheet
565Kb / 16P
Chip Monolithic Ceramic Capacitor for Automotive limited to Conductive Glue Mounting
logo
EHAOAN.
EH-3535LEJV0113W EHAOAN-EH-3535LEJV0113W Datasheet
1Mb / 9P
Packaging glue: colorless transparent silica gel
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com