Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9504A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9504A
Description  Glue chip 4
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9504A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9504A Datasheet HTML 4Page - NXP Semiconductors PCA9504A Datasheet HTML 5Page - NXP Semiconductors PCA9504A Datasheet HTML 6Page - NXP Semiconductors PCA9504A Datasheet HTML 7Page - NXP Semiconductors PCA9504A Datasheet HTML 8Page - NXP Semiconductors PCA9504A Datasheet HTML 9Page - NXP Semiconductors PCA9504A Datasheet HTML 10Page - NXP Semiconductors PCA9504A Datasheet HTML 11Page - NXP Semiconductors PCA9504A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Philips Semiconductors
Product data
PCA9504A
Glue chip 4
2004 May 11
8
SYMBOL
UNIT
LIMITS
TEST CONDITION
PARAMETER
SYMBOL
UNIT
Tamb = 0 °C to +70 °C
TEST CONDITION
PARAMETER
SYMBOL
UNIT
MAX
TYP
MIN
TEST CONDITION
PARAMETER
IIH
Input leakage HIGH
VIH = 5VSB
–1
1
µA
SCSI
VIH
HIGH-level input voltage
0.7*5VSB
V
VIL
LOW-level input voltage
0.2*5VSB
V
Hys
Input hysteresis
400
mV
IIL
Input leakage LOW
VIL = 0 V
–88
–26
µA
IIH
Input leakage HIGH
VIH = 5VSB
–1
1
µA
FPRST
VIH
HIGH-level input voltage
0.7*5VSB
V
VIL
LOW-level input voltage
0.2*5VSB
V
Hys
Input hysteresis
400
mV
IIL
Input leakage LOW
VIL = 0 V
–88
–26
µA
IIH
Input leakage HIGH
VIH = 5VSB
–1
1
µA
PWRGD_PS
VIH
HIGH-level input voltage
0.7*5VSB
V
VIL
LOW-level input voltage
0.2*5VSB
V
Hys
Input hysteresis
400
mV
IIL
Input leakage LOW
VIL = 0 V
–88
–26
µA
IIH
Input leakage HIGH
VIH = 5VSB
–1
1
µA
GPO_FLUSH_CACHE/GP2_IN
VIH
HIGH-level input voltage
2.2
V
VIL
LOW-level input voltage
0.8
V
IL
Input leakage
VIL = 0 V
–88
–26
µA
IIH
Input leakage
VIH = 5 V
–1
1
µA
INIT / GP1_INA (GP Mode)
VIH
HIGH-level input voltage
Part is strapped for GP
mode
2.4
V
VIL
LOW-level input voltage
Part is strapped for GP
mode
0.8
V
IL
Input leakage
Part is strapped for GP
mode
–1
1
µA
VCCP_Vref Bias voltage
GP mode
1.95
2.1
V
INIT / GP1_INA (Flush Mode)
VIH
HIGH-level input voltage
FLUSH mode
1.5
V
VIL
LOW-level input voltage
FLUSH mode
0.4
V
IIL
Input leakage
FLUSH mode
–1
1
µA
VCCP_Vref Bias voltage
FLUSH mode
0.95
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com