Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9504A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9504A
Description  Glue chip 4
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9504A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9504A Datasheet HTML 17Page - NXP Semiconductors PCA9504A Datasheet HTML 18Page - NXP Semiconductors PCA9504A Datasheet HTML 19Page - NXP Semiconductors PCA9504A Datasheet HTML 20Page - NXP Semiconductors PCA9504A Datasheet HTML 21Page - NXP Semiconductors PCA9504A Datasheet HTML 22Page - NXP Semiconductors PCA9504A Datasheet HTML 23Page - NXP Semiconductors PCA9504A Datasheet HTML 24Page - NXP Semiconductors PCA9504A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Philips Semiconductors
Product data
PCA9504A
Glue chip 4
2004 May 11
21
SW00591
A20M*
GPO_FLUSH_CACHE*
INIT*
FLUSH_OUT_CPU*
FLUSH_OUT_FWH*
INIT_OUT*
tt
t1
t
t1
t1
Figure 12. Waveforms for Case 7
SW00592
A20M*
GPO_FLUSH_CACHE*
INIT*
FLUSH_OUT_CPU*
FLUSH_OUT_FWH*
INIT_OUT*
tt
t1
t1
Figure 13. Waveforms for boundary GPO_FLUSH_CACHE* Case
• Timings should remain the same for both a 66 MHz or 33 MHz
CLK_IN input.
• The boundary condition for INIT listed above, is a special case
where immediately following the FLUSH_OUT*, INIT_OUT* cycle,
the ICH2 asserts INIT* into the Glue Chip.
• The boundary condition for GPO_FLUSH_CACHE* listed above,
is a special case where immediately following the first assertion of
GPO_FLUSH_CACHE*, the GPO is de-asserted, then re-asserted
again before the timings have had a chance to complete.
NOTE:
1. Nominal timing values with tolerances are listed in the DC
Characteristics table.
GPO_FLUSH_CACHE* – input to logic, GPO from the ICH2,
programmed active LOW.
INIT* – input to logic, INIT* signal from the ICH2.
A20M* – input to logic, A20M* signal from the ICH2.
FLUSH_OUT_CPU* – output of logic, route to CPU FLUSH* pin.
FLUSH_OUT_CPU* – output of logic, routed to FWH INIT* pin.
INIT_OUT* – output of logic, routed to CPU INIT* pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com