Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9504A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9504A
Description  Glue chip 4
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9504A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9504A Datasheet HTML 9Page - NXP Semiconductors PCA9504A Datasheet HTML 10Page - NXP Semiconductors PCA9504A Datasheet HTML 11Page - NXP Semiconductors PCA9504A Datasheet HTML 12Page - NXP Semiconductors PCA9504A Datasheet HTML 13Page - NXP Semiconductors PCA9504A Datasheet HTML 14Page - NXP Semiconductors PCA9504A Datasheet HTML 15Page - NXP Semiconductors PCA9504A Datasheet HTML 16Page - NXP Semiconductors PCA9504A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Philips Semiconductors
Product data
PCA9504A
Glue chip 4
2004 May 11
13
AC CHARACTERISTICS
VCC1 = 3.3 V; VCC = 5.0 V
LIMITS
SYMBOL
PARAMETER
Tamb = 0 _C to +70 _C
UNITS
NOTES
MIN
TYP
MAX
tRESET
RSMRST
4.0
100
ms
tRESET_FALL
RSMRST
100
ns
tPHL/tPLH
Propagation Delay
AUD_EN to AUD_RST
PCIRST to AUD_RST
PCIRST to IDE_RSTDRV
PCIRST to PCIRST_OUT
1.0
11.0
ns
tPLH/tPHL
Propagation Delay
MUTE_AUD to MUTE_SHDN
2.5
6.0
ns
tPLH/tPHL
Propagation Delay
PWRGD_PS to PWRGD_3V
FPRST to PWRGD_3V
4.5
11.0
ns
tPLH/tPHL
Propagation Delay
HSYNC_3V to HSYNC_5V
VSYNC_3V to VSYNC_5V
2.0
5.0
ns
tPLH/tPHL
Propagation Delay
PWRGD_PS to SCK_BJT_GATE
FPRST to SCK_BJT_GATE
1.0
6.0
ns
tPLZ/tPZL
Open Drain Prop Delay
PRIMARY_HD to HD_LED
PRIMARY_HD to HD_LED
PRIMARY_HD to HD_LED
1.0
5.0
ns
tPLZ/tPZL
Open Drain Prop Delay
GP1_INA to GP1_OUT
GP2_INA to GP1_OUT
3.0
25.0
ns
tPLZ/tPZL
Open Drain Prop Delay
GP2_IN to GP2_OUT
3.0
7.0
ns
tPLZ/tPZL
Open Drain Prop Delay
GP3_IN to GP3_OUT
1.0
4.0
ns
tPLZ/tPZL
Open Drain Prop Delay
SLP_S3 to BACKFEED_OUT
PRWGD_PS to BACKFEED_OUT
1.0
6.0
ns
tPLZ/tPZL
Open Drain Prop Delay
CPU_PRESENT to PS_ON
2.0
10.0
ns
tPLZ/tPZL
Open Drain Prop Delay
SLP_S3 to PS_ON
2.0
10.0
ns
tPLZ/tPZL
Open Drain Prop Delay
BACKFEED_OUT to
LATCHED_BACKFEED_OUT
2.0
11.0
ns
tPLZ/tPZL
Open Drain Prop Delay
SLP_S5 to YLW_LED
SLP_S5 to GRN_LED
YLW_BLNK to YLW_LED
GRN_BLNK to GRN_LED
1.0
5.0
ns
tPLZ/tPZL
Open Drain Prop Delay
3V_DDOSDA to 5V_DDOSDA
3V_DDOSDA to 5V_DDOSDA
1.0
5.0
ns
tr, tf
Rise and Fall Times
HSYNC_5V
VSYNC_5V
3.5
ns
tr, tf
Rise and Fall Times
LATCHED_BACKFEED_OUT
1.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com